Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962-9755701HYC Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part No. 5962-9755701HYC
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HYC Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HYC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-9755701HYC Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Figure 6. Gain Change vs.
Temperature.
Figure 7. Gain Change vs. VDD1 and
VDD2.
Figure 8. Nonlinearity Error Plot vs.
Input Voltage.
Figure 5. Gain and Nonlinearity Test Circuit.
0.1 µF
VDD2
8
7
6
1
3
HCPL-7850
5
2
4
0.01 µF
10 K
10 K
+15 V
0.1 µF
0.1 µF
-15 V
+
AD624CD
GAIN = 4
0.47
µF
0.47
µF
VDD1
13.2
404
VIN
VOUT
+15 V
0.1 µF
0.1 µF
-15 V
+
AD624CD
GAIN = 10
10 K
0.47
µF
0.1 µF
VDD – SUPPLY VOLTAGE – V
0.04
0.02
4.6
0.10
4.8
5.0
5.2
TA = 25°C
-0.06
0.06
vs. VDD1 (VDD2 = 5 V)
0.08
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
0
-0.02
-0.04
VIN+ – INPUT VOLTAGE – V
-0.05
-0.1
0.15
0
0.1
-0.10
0.05
200 mV ERROR
0.10
-0.2
0.2
100 mV ERROR
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25°C
0
TA – TEMPERATURE – °C
0
-0.10
-20
0.05
20
VDD1 = 5 V
VDD2 = 5 V
-0.20
-60
140
60
100
-0.05
-0.15


Similar Part No. - 5962-9755701HYC

ManufacturerPart No.DatasheetDescription
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
Broadcom Corporation.
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HYC

ManufacturerPart No.DatasheetDescription
Broadcom Corporation.
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
Micropac Industries
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
TE Connectivity Ltd
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
MMD Components
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
Micropac Industries
Micropac Industries
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
   Hermetically sealed
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz