Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F4218AYGC-8EU Datasheet(PDF) 35 Page - NEC

Part # UPD78F4218AYGC-8EU
Description  MOS INTEGRATED CIRCUIT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F4218AYGC-8EU Datasheet(HTML) 35 Page - NEC

Back Button UPD78F4218AYGC-8EU Datasheet HTML 31Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 32Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 33Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 34Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 35Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 36Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 37Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 38Page - NEC UPD78F4218AYGC-8EU Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Data Sheet U14125EJ1V0DS00
35
µµµµPD78F4216A, 78F4218A, 78F4216AY, 78F4218AY
Serial Operation (TA =
−−−−40 to +85°°°°C, VDD = AVDD = 1.9 to 5.5 V, VSS = AVSS = 0 V)
(a) 3-wire serial I/O mode (SCK: Internal clock output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ VDD ≤ 5.5 V
800
ns
SCK cycle time
tKCY1
3,200
ns
2.7 V
≤ VDD ≤ 5.5 V
350
ns
SCK high-/low-level width
tKH1,
tKL1
1,500
ns
2.7 V
≤ VDD ≤ 5.5 V
10
ns
SI setup time (to SCK
↑)tSIK1
30
ns
SI hold time (from SCK
↑)tKSI1
40
ns
SO output delay time
(from SCK
↓)
tKSO1
30
ns
(b) 3-wire serial I/O mode (SCK: External clock input)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ VDD ≤ 5.5 V
800
ns
SCK cycle time
tKCY2
3,200
ns
2.7 V
≤ VDD ≤ 5.5 V
400
ns
SCK high-/low-level width
tKH2
tKL2
1,600
ns
2.7 V
≤ VDD ≤ 5.5 V
10
ns
SI setup time (to SCK
↑)tSIK2
30
ns
SI hold time (from SCK
↑)tKSI2
40
ns
SO output delay time
(from SCK
↓)
tKSO2
30
ns
(c) UART mode
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.5 V
≤ VDD ≤ 5.5 V
417
ns
2.7 V
≤ VDD < 4.5 V
833
ns
ASCK cycle time
tKCY3
1,667
ns
4.5 V
≤ VDD ≤ 5.5 V
208
ns
2.7 V
≤ VDD < 4.5 V
416
ns
ASCK high-/low-level width
tKH3
tKL3
833
ns


Similar Part No. - UPD78F4218AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F4218A RENESAS-UPD78F4218A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F4218AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com