Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F4216AGC-8EU Datasheet(PDF) 34 Page - NEC

Part # UPD78F4216AGC-8EU
Description  MOS INTEGRATED CIRCUIT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F4216AGC-8EU Datasheet(HTML) 34 Page - NEC

Back Button UPD78F4216AGC-8EU Datasheet HTML 30Page - NEC UPD78F4216AGC-8EU Datasheet HTML 31Page - NEC UPD78F4216AGC-8EU Datasheet HTML 32Page - NEC UPD78F4216AGC-8EU Datasheet HTML 33Page - NEC UPD78F4216AGC-8EU Datasheet HTML 34Page - NEC UPD78F4216AGC-8EU Datasheet HTML 35Page - NEC UPD78F4216AGC-8EU Datasheet HTML 36Page - NEC UPD78F4216AGC-8EU Datasheet HTML 37Page - NEC UPD78F4216AGC-8EU Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Data Sheet U14125EJ1V0DS00
34
µµµµPD78F4216A, 78F4218A, 78F4216AY, 78F4218AY
AC Characteristics
(2) External wait timing
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD = 5.0 V
±10%
(2
+ a)T − 40
ns
VDD = 3.0 V
±10%
(2
+ a)T − 60
ns
Input time from address to
WAIT
tDAWT
VDD = 2.0 V
±5%
(2
+ a)T − 300
ns
VDD = 5.0 V
±10%
1.5T
− 40
ns
VDD = 3.0 V
±10%
1.5T
− 60
ns
Input time from ASTB
↓ to
WAIT
tDSTWT
VDD = 2.0 V
±5%
1.5T
− 260
ns
VDD = 5.0 V
±10%
(0.5
+ n)T + 5ns
VDD = 3.0 V
±10%
(0.5
+ n)T + 10
ns
Hold time from ASTB
↓ to WAIT tHSTWT
VDD = 2.0 V
±5%
(0.5
+ n)T + 30
ns
VDD = 5.0 V
±10%
(1.5
+ n)T − 40
ns
VDD = 3.0 V
±10%
(1.5
+ n)T − 60
ns
Delay time from ASTB
↓ to
WAIT
tDSTWTH
VDD = 2.0 V
±5%
(1.5
+ n)T − 90
ns
VDD = 5.0 V
±10%
T
− 40
ns
VDD = 3.0 V
±10%
T
− 60
ns
Input time from RD
↓ to WAIT↓
tDRWTL
VDD = 2.0 V
±5%
T
− 70
ns
VDD = 5.0 V
±10%
nT
+ 5ns
VDD = 3.0 V
±10%
nT
+ 10
ns
Hold time from RD
↓ to WAIT↓
tHRWT
VDD = 2.0 V
±5%
nT
+ 30
ns
VDD = 5.0 V
±10%
(1
+ n)T − 40
ns
VDD = 3.0 V
±10%
(1
+ n)T − 60
ns
Delay time from RD
↓ to WAIT↑
tDRWTH
VDD = 2.0 V
±5%
(1
+ n)T − 90
ns
VDD = 5.0 V
±10%
0.5T
− 5ns
VDD = 3.0 V
±10%
0.5T
− 10
ns
Data input time from WAIT
tDWTID
VDD = 2.0 V
±5%
0.5T
− 30
ns
VDD = 5.0 V
±10%
0.5T
ns
VDD = 3.0 V
±10%
0.5T
ns
Delay time from WAIT
↑ to RD↑
tDWTR
VDD = 2.0 V
±5%
0.5T
+ 5ns
VDD = 5.0 V
±10%
0.5T
ns
VDD = 3.0 V
±10%
0.5T
ns
Delay time from WAIT
↑ to WR↑ tDWTW
VDD = 2.0 V
±5%
0.5T
+ 5ns
VDD = 5.0 V
±10%
T
− 40
ns
VDD = 3.0 V
±10%
T
− 60
ns
Input time from WR
↓ to WAIT↓
tDWWTL
VDD = 2.0 V
±5%
T
− 90
ns
VDD = 5.0 V
±10%
nT
+ 5ns
VDD = 3.0 V
±10%
nT
+ 10
ns
Hold time from WR
↓ to WAIT
tHWWT
VDD = 2.0 V
±5%
nT
+ 30
ns
VDD = 5.0 V
±10%
(1
+ n)T − 40
ns
VDD = 3.0 V
±10%
(1
+ n)T − 60
ns
Delay time from WR
↓ to WAIT↑ tDWWTH
VDD = 2.0 V
±5%
(1
+ n)T − 90
ns
Remark T: tCYK = 1/fXX (fXX: main system clock frequency)
a: 1 (during address wait), otherwise, 0
n: Number of wait states (n
≥ 0)


Similar Part No. - UPD78F4216AGC-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F4216A RENESAS-UPD78F4216A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F4216AGC-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com