Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F4216AY Datasheet(PDF) 39 Page - NEC

Part # UPD78F4216AY
Description  MOS INTEGRATED CIRCUIT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F4216AY Datasheet(HTML) 39 Page - NEC

Back Button UPD78F4216AY Datasheet HTML 35Page - NEC UPD78F4216AY Datasheet HTML 36Page - NEC UPD78F4216AY Datasheet HTML 37Page - NEC UPD78F4216AY Datasheet HTML 38Page - NEC UPD78F4216AY Datasheet HTML 39Page - NEC UPD78F4216AY Datasheet HTML 40Page - NEC UPD78F4216AY Datasheet HTML 41Page - NEC UPD78F4216AY Datasheet HTML 42Page - NEC UPD78F4216AY Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Data Sheet U14125EJ1V0DS00
39
µµµµPD78F4216A, 78F4218A, 78F4216AY, 78F4218AY
Data Retention Characteristics (TA =
−−−−40 to +85°°°°C, VDD = AVDD = 1.9 to 5.5 V, VSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention voltage
VDDDR
STOP mode
1.9
5.5
V
VDDDR = 5.0 V
±10%
10
50
µA
Data retention current
IDDDR
VDDDR = 2.0 V
±5%
2
10
µA
VDD rise time
tRVD
200
µs
VDD fall time
tFVD
200
µs
VDD hold time
(from STOP mode setting)
tHVD
0ms
STOP release signal input time
tDREL
0ms
Crystal resonator
30
ms
Oscillation stabilization wait time
tWAIT
Ceramic resonator
5
ms
Low-level input voltage
VIL
00.1VDDDR
V
High-level input voltage
VIH
RESET, P00/INTP0 to P06/INTP6
0.9VDDDR
VDDDR
V
AC Timing Test Points
0.8VDD or 1.9 V
0.8 V
0.8VDD or 1.9 V
0.8 V
Test points
VDD
− 1 V
0.45 V


Similar Part No. - UPD78F4216AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F4216A RENESAS-UPD78F4216A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F4216AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com