Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F4216AY Datasheet(PDF) 21 Page - NEC

Part # UPD78F4216AY
Description  MOS INTEGRATED CIRCUIT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F4216AY Datasheet(HTML) 21 Page - NEC

Back Button UPD78F4216AY Datasheet HTML 17Page - NEC UPD78F4216AY Datasheet HTML 18Page - NEC UPD78F4216AY Datasheet HTML 19Page - NEC UPD78F4216AY Datasheet HTML 20Page - NEC UPD78F4216AY Datasheet HTML 21Page - NEC UPD78F4216AY Datasheet HTML 22Page - NEC UPD78F4216AY Datasheet HTML 23Page - NEC UPD78F4216AY Datasheet HTML 24Page - NEC UPD78F4216AY Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet U14125EJ1V0DS00
21
µµµµPD78F4216A, 78F4218A, 78F4216AY, 78F4218AY
(2)
µµµµPD78F4218A, 78F4218AY
Figure 5-2. Internal Memory Size Switching Register (IMS) Format
Address: 0FFFCH
After reset: FFH
W
76
54
321
0
IMS
1
1
ROM1
ROM0
1
1
RAM1
RAM0
ROM1
ROM0
Internal ROM Capacity Selection
0
0
64 KB
0
1
128 KB
1
0
192 KB
1
1
256 KB
RAM1
RAM0
Peripheral RAM Capacity Selection
0
0
3,072 bytes
0
1
6,656 bytes
1
0
7,168 bytes
1
1
12,288 bytes
Caution IMS is not provided on the mask ROM versions (
µµµµPD784217A, 784218A, 784217AY, and
784218AY).
Table 5-2 shows the IMS setting values to make the memory mapping the same as that of the mask ROM
versions.
Table 5-2. Setting Value of Internal Memory Size Switching Register (IMS)
Target Mask ROM Version
IMS Setting Value
µPD784217A, 784217AY
EFH
µPD784218A, 784218AY
FFH


Similar Part No. - UPD78F4216AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F4216A RENESAS-UPD78F4216A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F4216AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com