Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4016 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CD4016
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CD4016 Datasheet(HTML) 3 Page - ON Semiconductor

  CD4016 Datasheet HTML 1Page - ON Semiconductor CD4016 Datasheet HTML 2Page - ON Semiconductor CD4016 Datasheet HTML 3Page - ON Semiconductor CD4016 Datasheet HTML 4Page - ON Semiconductor CD4016 Datasheet HTML 5Page - ON Semiconductor CD4016 Datasheet HTML 6Page - ON Semiconductor CD4016 Datasheet HTML 7Page - ON Semiconductor CD4016 Datasheet HTML 8Page - ON Semiconductor CD4016 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14016B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Figure
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Input Voltage
Control Input
1
VIL
5.0
10
15
1.5
1.5
1.5
0.9
0.9
0.9
Vdc
VIH
5.0
10
15
3.0
8.0
13
2.0
6.0
11
Vdc
Input Current Control
Iin
15
±0.1
±0.00001 ±0.1
± 1.0
µAdc
Input Capacitance
Control
Switch Input
Switch Output
Feed Through
Cin
5.0
5.0
5.0
0.2
pF
Quiescent Current
(Per Package) (5.)
2,3
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
“ON” Resistance
(VC = VDD, RL = 10 kΩ)
(Vin = + 5.0 Vdc)
(Vin = – 5.0 Vdc) VSS = – 5.0 Vdc
(Vin = ± 0.25 Vdc)
4,5,6
RON
5.0
600
600
600
300
300
280
660
660
660
840
840
840
Ohms
(Vin = + 7.5 Vdc)
(Vin = – 7.5 Vdc) VSS = – 7.5 Vdc
(Vin = ± 0.25 Vdc)
7.5
360
360
360
240
240
180
400
400
400
520
520
520
(Vin = + 10 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 5.6 Vdc)
10
600
600
600
260
310
310
660
660
660
840
840
840
(Vin = + 15 Vdc)
(Vin = + 0.25 Vdc) VSS = 0 Vdc
(Vin = + 9.3 Vdc)
15
360
360
360
260
260
300
400
400
400
520
520
520
∆ “ON” Resistance
Between any 2 circuits in a common
package
(VC = VDD)
(Vin = ± 5.0 Vdc, VSS = – 5.0 Vdc)
(Vin = ± 7.5 Vdc, VSS = – 7.5 Vdc)
∆RON
5.0
7.5
15
10
Ohms
Input/Output Leakage Current
(VC = VSS)
(Vin = + 7.5, Vout = – 7.5 Vdc)
(Vin = – 7.5, Vout = + 7.5 Vdc)
7.5
7.5
±0.1
±0.1
±0.0015
±0.0015
±0.1
± 0.1
± 1.0
± 1.0
µAdc
NOTE: All unused inputs must be returned to VDD or VSS as appropriate for the circuit application.
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. For voltage drops across the switch (
∆Vswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e., the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.) Reference Figure 14.


Similar Part No. - CD4016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4016 FAIRCHILD-CD4016 Datasheet
93Kb / 9P
   Quad Bilateral Switch
logo
List of Unclassifed Man...
CD4016 ETC2-CD4016 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CD40160 INTERSIL-CD40160 Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD401601B TI1-CD401601B Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

Similar Description - CD4016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com