Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G32DBVTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1G32DBVTE4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G32DBVTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G32DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN74AUP1G32
LOW POWER SINGLE 2INPUT POSITIVEOR GATE
SCES580C – JUNE 2004 – REVISED JUNE 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
21
1.2 V
± 0.1 V
1.5
8.5
15.4
1
18.4
tpd
A or B
Y
1.5 V
± 0.1 V
1
6.2
10.4
0.5
12
ns
tpd
A or B
Y
1.8 V
± 0.15 V
1
5
8.1
0.5
9.6
ns
2.5 V
± 0.2 V
1
3.6
5.5
0.5
6.6
3.3 V
± 0.3 V
1
2.9
4.4
0.5
5
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
24
1.2 V
± 0.1 V
3.6
9.9
17
3.1
21.1
tpd
A or B
Y
1.5 V
± 0.1 V
2.3
7.2
11.5
1.8
13.9
ns
tpd
A or B
Y
1.8 V
± 0.15 V
1.6
5.8
9.1
1.1
11.2
ns
2.5 V
± 0.2 V
1
4.3
6.2
0.5
7.8
3.3 V
± 0.3 V
1
3.4
5
0.5
6.2
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
32.8
1.2 V
± 0.1 V
4.9
13.1
21.6
4.4
26.7
tpd
A or B
Y
1.5 V
± 0.1 V
3.4
9.5
14.6
2.9
17.6
ns
tpd
A or B
Y
1.8 V
± 0.15 V
2.5
7.7
11.4
2
14.1
ns
2.5 V
± 0.2 V
1.8
5.7
7.9
1.3
9.9
3.3 V
± 0.3 V
1.5
4.7
6.4
1
7.8
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4.1
1.2 V
± 0.1 V
4.1
Cpd
Power dissipation capacitance
f = 10 MHz
1.5 V
± 0.1 V
4.1
pF
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
± 0.15 V
4.1
pF
2.5 V
± 0.2 V
4.2
3.3 V
± 0.3 V
4.3


Similar Part No. - SN74AUP1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32DBVTE4 TI-SN74AUP1G32DBVTE4 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74AUP1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI1-SN74AUP1G32_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Single 2-Input Positive-OR Gate
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com