Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBB4-12GM50-E0-M1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part No. NBB4-12GM50-E0-M1
Description  Inductive sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBB4-12GM50-E0-M1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBB4-12GM50-E0-M1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. NBB4-12GM50-E0-M1 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBB4-12GM50-E0-M1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
E 1
Model Number
NBB4-12GM50-E0-M1
Features
•4 mm flush
• Increased operating distance
• Extended temperature range
-40 ... +85 °C
• With increased sealing, protection
class
IP68 / IP69K
• E1-Type approval
Accessories
BF 12
Mounting flange, 12 mm
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
NPN
Rated operating distance
sn
4 mm
Installation
flush
Output polarity
DC
Assured operating distance
sa
0 ... 3.24 mm
Actuating element
mild steel, e. g. 1.0037, SR235JR (formerly St37-2)
12 mm x 12 mm x 1 mm
Reduction factor rAl
0.4
Reduction factor rCu
0.3
Reduction factor r304
0.75
Reduction factor rBrass
0.45
Output type
3-wire
Nominal ratings
Operating voltage
UB
7 ... 30 V
Switching frequency
f
0 ... 2200 Hz
Hysteresis
H
typ. 5%
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 2 V
Operating current
IL
0 ... 200 mA
Off-state current
Ir
0 ... 0.5 mA typ. 4 µA at 25 °C
No-load supply current
I0
≤ 10 mA
Time delay before availability
tv
≤ 100 ms
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
1484 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Connection type
cable PUR , 2 m
Core cross-section
0.34 mm2
Housing material
brass, nickel-plated
Sensing face
PBT
Degree of protection
IP68 / IP69K
Mass
70 g
General information
Scope of delivery
2 self locking nuts in scope of delivery
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
EN 12895: 2015
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source
CCC approval
CCC approval / marking not required for products rated ≤36 V
E1 Type approval
10R-04
Dimensions
17
LED
M12 x 1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn