Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14017BF Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14017BF
Description  Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14017BF Datasheet(HTML) 1 Page - ON Semiconductor

  MC14017BF Datasheet HTML 1Page - ON Semiconductor MC14017BF Datasheet HTML 2Page - ON Semiconductor MC14017BF Datasheet HTML 3Page - ON Semiconductor MC14017BF Datasheet HTML 4Page - ON Semiconductor MC14017BF Datasheet HTML 5Page - ON Semiconductor MC14017BF Datasheet HTML 6Page - ON Semiconductor MC14017BF Datasheet HTML 7Page - ON Semiconductor MC14017BF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
August, 2000 – Rev. 4
1
Publication Order Number:
MC14017B/D
MC14017B
Decade Counter
The MC14017B is a five–stage Johnson decade counter with
built–in code converter. High speed operation and spike–free outputs
are obtained by use of a Johnson decade counter design. The ten
decoded outputs are normally low, and go high only at their
appropriate decimal time period. The output changes occur on the
positive–going edge of the clock pulse. This part can be used in
frequency division applications as well as decade counter or decimal
decode display applications.
Fully Static Operation
DC Clock Input Circuit Allows Slow Rise Times
Carry Out Output for Cascading
Divide–by–N Counting
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
Pin–for–Pin Replacement for CD4017B
Triple Diode Protection on All Inputs
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
–0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
–0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
–55 to +125
°C
Tstg
Storage Temperature Range
–65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14017BCP
PDIP–16
2000/Box
MC14017BD
SOIC–16
48/Rail
MC14017BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of the
SOIC packages, please contact your local ON
Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14017BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14017B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14017B
ALYW
MC14017BF
SOEIAJ–16
See Note 1.
MC14017BFEL
SOEIAJ–16
See Note 1.


Similar Part No. - MC14017BF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
MC14017B ONSEMI-MC14017B Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
MC14017BCPG ONSEMI-MC14017BCPG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
More results

Similar Description - MC14017BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
   DECADE COUNTER TUBE
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com