Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2415 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2415
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2415 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2415 Datasheet HTML 1Page - Toshiba Semiconductor RN2415 Datasheet HTML 2Page - Toshiba Semiconductor RN2415 Datasheet HTML 3Page - Toshiba Semiconductor RN2415 Datasheet HTML 4Page - Toshiba Semiconductor RN2415 Datasheet HTML 5Page - Toshiba Semiconductor RN2415 Datasheet HTML 6Page - Toshiba Semiconductor RN2415 Datasheet HTML 7Page - Toshiba Semiconductor RN2415 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2414~RN2418
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
RN2414~2418
ICBO
VCB = −50V, IE = 0
−100
nA
Collector cut-off current
RN2414~2418
ICEO
VCE = −50V, IB = 0
−500
nA
RN2414
VEB = −5V, IC = 0
−0.35
−0.65
RN2415
VEB = −6V, IC = 0
−0.37
−0.71
RN2416
VEB = −7V, IC = 0
−0.36
−0.68
RN2417
VEB = −15V, IC = 0
−0.78
−1.46
Emitter cut-off current
RN2418
IEBO
VEB = −25V, IC = 0
−0.33
−0.63
mA
RN2414~16, 18
50
DC current gain
RN2417
hFE
VCE = −5V,
IC = −10mA
30
Collector-emitter
saturation voltage
RN2414~2418
VCE (sat)
IC = −5mA,
IB = −0.25mA
−0.1
−0.3
V
RN2414
−0.5
−2.0
RN2415
−0.6
−2.5
RN2416
−0.7
−2.5
RN2417
−1.5
−3.5
Input voltage (ON)
RN2418
VI (ON)
VCE = −0.2V,
IC = −5mA
−2.5
−10.0
V
RN2414
−0.3
−0.9
RN2415
−0.3
−1.0
RN2416
−0.3
−1.1
RN2417
−0.3
−3.0
Input voltage (OFF)
RN2418
VI (OFF)
VCE = −5V,
IC = −0.1mA
−0.5
−5.7
V
Translation frequency
RN2414~2418
fT
VCE =−10V,
IC = −5mA
200
MHz
Collector output
capacitance
RN2414~2418
Cob
VCB = −10V, IE = 0,
f = 1MHz
3.0
6.0
pF
RN2414
0.7
1.0
1.3
RN2415
1.54
2.2
2.86
RN2416
3.29
4.7
6.11
RN2417
7.0
10.0
13.0
Input resistor
RN2418
R1
32.9
47.0
61.1
kΩ
RN2414
0.1
RN2415
0.22
RN2416
0.47
RN2417
2.13
Resistor ratio
RN2418
R1/R2
4.7


Similar Part No. - RN2415

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2410 TOSHIBA-RN2410 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2411 TOSHIBA-RN2411 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2412 TOSHIBA-RN2412 Datasheet
183Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2413 TOSHIBA-RN2413 Datasheet
183Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN2415

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com