Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14015BF Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14015BF
Description  Dual 4-Bit Static Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14015BF Datasheet(HTML) 5 Page - ON Semiconductor

  MC14015BF Datasheet HTML 1Page - ON Semiconductor MC14015BF Datasheet HTML 2Page - ON Semiconductor MC14015BF Datasheet HTML 3Page - ON Semiconductor MC14015BF Datasheet HTML 4Page - ON Semiconductor MC14015BF Datasheet HTML 5Page - ON Semiconductor MC14015BF Datasheet HTML 6Page - ON Semiconductor MC14015BF Datasheet HTML 7Page - ON Semiconductor MC14015BF Datasheet HTML 8Page - ON Semiconductor MC14015BF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14015B
http://onsemi.com
5
Figure 2. Switching Test Circuit and Waveforms
VDD
CL
VSS
PULSE
GENERATOR
2
PULSE
GENERATOR
1
Q0
Q1
Q2
Q3
D
C
R
CL
CL
CL
DATA
INPUT
CLOCK
INPUT
tTLH
tTHL
VDD
0 V
VDD
0 V
tsu
tTLH
tTHL
tWH
tWL
Q0
tTLH
tTHL
tPLH
tPHL
90%
50%
10%
90%
50%
10%
90%
50%
10%
tWL = tWH = 50% Duty Cycle
tTLH = tTHL ≤ 20 ns
SYNC
t–
Figure 3. Setup and Hold Time Test Circuit and Waveforms
VDD
CL
VSS
PULSE
GENERATOR
2
PULSE
GENERATOR
1
Q0
Q1
Q2
Q3
D
C
R
CL
CL
CL
SYNC
CLOCK
INPUT
DATA
INPUT
50%
VDD
0 V
VDD
0 V
tsu
th
50%


Similar Part No. - MC14015BF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14015BCP ONSEMI-MC14015BCP Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BCPG ONSEMI-MC14015BCPG Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDG ONSEMI-MC14015BDG Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
More results

Similar Description - MC14015BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
   Dual 4-bit static shift register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com