Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7505SM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM7505SM
Description  SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM7505SM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM7505SM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7505SM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7505SM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7505SM Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7505SM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.5 - 89
3.5
Dual 5V, 12V and 15V, 1.5 Amp Fixed
Voltage Regulators In Isolated Hermetic
Surface Mount Package
4 11 R1
Supersedes 2 07 R0
SURFACE MOUNT DUAL POSITIVE AND
NEGATIVE FIXED VOLTAGE REGULATORS
FEATURES
• Positive And Negative Regulators In One Package
• Hermetic 6-Pin Metal Package, Surface Mount
• Isolated Case
• Output Voltages: ±5V, ±12V, And ±15V
• Output Voltages Set Internally To ±2.0%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Screened To MIL-PRF-38535, TX, TXV, S Levels
DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one
hermetically sealed, 6-pin package whose outline is a surface mount type. With heat
sinking, they can regulate over 1.5 Amp of output current per device. Standard
voltages are + or - 5V, 12V, and 15V. Output voltages are intermally trimmed to
±2.0% of nominal voltage. These devices are ideally suited for military applications
where small size and high reliability is required.
OM7500SM
Pin 1: +In
Pin 2: Common
Pin 3: -In
Pin 4: -Out
Pin 5: Common
Pin 6: +Out
PIN CONNECTION
Omnirel
Output Voltages
Part Number
Positive
Negative
OM7501SM
+5V
-5V
OM7502SM
+5V
-12V
OM7503SM
+5V
-15V
OM7504SM
+12V
-5V
OM7505SM
+12V
-12V
OM7506SM
+12V
-15V
OM7507SM
+15V
-5V
OM7508SM
+15V
-12V
OM7509SM
+15V
-15V
1
2
3
6
5
4
To order, use the following Omnirel part
numbers to determine the required output
voltage of each regulator within one package.


Similar Part No. - OM7505SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7505SC ETC-OM7505SC Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7505SC ETC-OM7505SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7505SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7632NM ETC2-OM7632NM Datasheet
31Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com