Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZU04 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZU04
Description  Dual Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZU04 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZU04 Datasheet HTML 1Page - ON Semiconductor NL27WZU04 Datasheet HTML 2Page - ON Semiconductor NL27WZU04 Datasheet HTML 3Page - ON Semiconductor NL27WZU04 Datasheet HTML 4Page - ON Semiconductor NL27WZU04 Datasheet HTML 5Page - ON Semiconductor NL27WZU04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL27WZU04
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
*40°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
1.65 to 1.85
0.85 VCC
0.85 VCC
V
IH
gg
2.3 to 5.5
0.8 VCC
0.8 VCC
VIL
Low−Level Input Voltage
1.65 to 1.85
0.15 VCC
0.15 VCC
V
IL
g
2.3 to 5.5
0.2 VCC
0.2 VCC
VOH
High−Level Output Voltage
VIN = VIL
IOH = −100 mA
1.65 to 5.5
VCC−0.1
VCC−0.1
V
VIN = GND
IOH = −3 mA
1.65
1.29
1.52
1.29
IN
IOH = −4 mA
2.3
1.9
2.1
1.9
IOH = −6 mA
2.7
2.2
2.3
2.2
IOH = −8 mA
3.0
2.4
2.6
2.4
IOH = −12 mA
3.0
2.3
2.5
2.3
IOH = −16 mA
4.5
3.8
4.2
3.8
VOL
Low−Level Output Voltage
VIN = VIH
IOL = 100 mA
1.65 to 5.5
0.1
0.1
V
VIN = VCC
IOL = 3 mA
1.65
0.08
0.24
0.24
IN
CC
IOL = 4 mA
2.3
0.12
0.3
0.3
IOL = 6 mA
2.7
0.20
0.4
0.4
IOL = 8 mA
3.0
0.24
0.4
0.4
IOL = 12 mA
3.0
0.26
0.55
0.55
IOL = 16 mA
4.5
0.31
0.55
0.55
IIN
Input Leakage Current
VIN = VCC or GND
5.5
$0.1
$1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
1.65 to 5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
TA = 25°C
*40°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
VCC (V)
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Input A to Y
(Fi
3
d 4)
RL = 1 MW,
CL = 50 pF
1.8
$0.15
1.5
5.5
1.8
1.5
11.0
ns
PHL
(Figure 3 and 4)
RL = 1 MW,
CL = 15 pF
2.5
$0.2
1.2
3.3
5.7
1.2
6.3
RL = 1 MW,
CL = 15 pF
3.3
$0.3
0.8
2.7
4.1
0.8
4.5
RL = 500 W,
CL = 50 pF
1.2
4.0
6.4
1.2
7.0
RL = 1 MW,
CL = 15 pF
5.0
$0.5
0.5
2.2
3.3
0.5
3.6
RL = 500 W,
CL = 50 pF
0.8
3.4
5.6
0.8
6.2
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance (Note 5)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
25
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL27WZU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
78Kb / 6P
   Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
341Kb / 14P
   Dual Unbuffered Inverter
April, 2022 - Rev. 13
NL27WZU04DBVT1G ONSEMI-NL27WZU04DBVT1G Datasheet
341Kb / 14P
   Dual Unbuffered Inverter
April, 2022 - Rev. 13
NL27WZU04DFT2 ONSEMI-NL27WZU04DFT2 Datasheet
78Kb / 6P
   Dual Unbuffered Inverter
February, 2007 ??Rev. 5
More results

Similar Description - NL27WZU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com