Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2898PB1-0521 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2898PB1-0521
Description  2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2898PB1-0521 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2898PB1-0521 Datasheet HTML 2Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 3Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 4Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 5Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 6Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 7Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 8Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 9Page - New Japan Radio NJM2898PB1-0521 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2898
- 9 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
0
50
100
150
NJM2898_3.0V
Load Regulation v.s. Temperature
@:VIN=4.0V
Io=0-60mA
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Temperature :Ta [
oC]
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
200
NJM2898_3.0V
Output Voltage v.s. Tem perature
@:VIN=4.0V
Io=30mA
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Temperature :Ta ["C]
0
50
100
150
200
-50
0
50
100
150
NJM2898_3.0V
Short Circuit Current v.s. T emperature
@:VIN=4.0V
Output is short to ground.
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Temperature :Ta [
oC]
-1
0
1
2
3
4
5
6
7
-25
-20
-15
-10
-5
0
5
10
15
0
1
2
345
NJM2898_3V
ON/OFF Transient Response without Load
Time : t [S]
Control Voltage
Output Voltage
@:VIN=4.0V
Co=1
µF(Ceramic)
Cp=0.01
µF
Io=0mA
-1
0
1
2
3
4
5
6
7
-25
-20
-15
-10
-5
0
5
10
15
04
8
12
16
20
NJM2898_3V
ON/OFF Transient Response
Time : t [mS]
Control Voltage
Output Voltage
@:VIN=4.0V
Co=1
µF(Ceramic)
Cp=0.01
µF
Io=0mA


Similar Part No. - NJM2898PB1-0521

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890R NJRC-NJM2890R Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891 NJRC-NJM2891 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891PB1 NJRC-NJM2891PB1 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891PB1-0303 NJRC-NJM2891PB1-0303 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2898PB1-0521

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7254 NJRC-NJU7254 Datasheet
224Kb / 9P
   2ch LOW DROPOUT VOLTAGE REGULATOR
Ver.2006-06-13
NJM2891 NJRC-NJM2891 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2892 NJRC-NJM2892 Datasheet
171Kb / 11P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
   POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com