Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD6N15 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTD6N15
Description  Power Field Effect Transistor DPAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD6N15 Datasheet(HTML) 3 Page - ON Semiconductor

  MTD6N15 Datasheet HTML 1Page - ON Semiconductor MTD6N15 Datasheet HTML 2Page - ON Semiconductor MTD6N15 Datasheet HTML 3Page - ON Semiconductor MTD6N15 Datasheet HTML 4Page - ON Semiconductor MTD6N15 Datasheet HTML 5Page - ON Semiconductor MTD6N15 Datasheet HTML 6Page - ON Semiconductor MTD6N15 Datasheet HTML 7Page - ON Semiconductor MTD6N15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTD6N15
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
2
1.6
1.2
0.8
0.4
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. On−Region Characteristics
TJ = 25°C
24
20
16
12
8
4
0
60
50
40
30
20
10
0
10 V
9 V
8 V
7 V
6 V
5 V
VDS = VGS
ID = 1 mA
− 50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Gate−Threshold Voltage Variation
With Temperature
3.6
3.2
2.8
2.4
2
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. Transfer Characteristics
VDS = 10 V
TJ = 25°C
−55
°C
100
°C
14
12
10
8
6
4
2
0
468
10
2
1.6
1.2
0.8
0.4
0
− 50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. Breakdown Voltage Variation
With Temperature
VGS = 0 V
ID = 0.25 mA
ID, DRAIN CURRENT (AMPS)
Figure 6. On−Resistance versus Drain Current
VGS = 10 V
0.30
0.25
0.20
0.15
0.10
0.05
0
20
16
12
8
4
0
TJ = 100°C
25
°C
−55
°C
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. On−Resistance Variation
With Temperature
VGS = 10 V
ID = 3 A
− 50
0
50
100
150
200


Similar Part No. - MTD6N15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
logo
Inchange Semiconductor ...
MTD6N15 ISC-MTD6N15 Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
MTD6N15I ISC-MTD6N15I Datasheet
359Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
logo
VBsemi Electronics Co.,...
MTD6N15T4G VBSEMI-MTD6N15T4G Datasheet
1,009Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - MTD6N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD10N10EL ONSEMI-MTD10N10EL Datasheet
93Kb / 8P
   TMOS E-FET Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 1
MTD10N10EL ONSEMI-MTD10N10EL_06 Datasheet
79Kb / 7P
   TMOS E?묯ET Power Field Effect Transistor DPAK for Surface Mount
June, 2006 ??Rev. 3
logo
Motorola, Inc
MTD2N50 MOTOROLA-MTD2N50 Datasheet
168Kb / 5P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE DPAK FOR SURFACE MOUNT OR INSERTION MOUNT
MTD6N10 MOTOROLA-MTD6N10 Datasheet
167Kb / 5P
   POWER FIELD EFFECT TRANSISTOR, N-CHANNEL ENHANCEMENT-MODE SILICON GATE, DPAK FOR SURFACE MOUNT OR INSERTION MOUNT
MTD3055E MOTOROLA-MTD3055E Datasheet
223Kb / 6P
   TMOS IV N-Channel Enhancement-Mode Power Field Effect Transistor DPAK for Surface or Insertion Mount
logo
ON Semiconductor
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com