Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT573CTD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT573CTD
Description  FAST CMOS OCTAL TRANSPARENT LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT573CTD Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT573CTD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT573CTD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT573T/AT/CT
FASTCMOSOCTALTRANSPARENTLATCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
Dx
DataInputs
LE
Latch Enable Input (Active HIGH)
OE
OutputEnableInput(ActiveLOW)
Ox
3-StateOutputs
CERDIP/ SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
D2
D0
D1
VCC
D3
D6
D4
D5
D7
GND
O0
O3
O1
O2
O4
O7
O5
O6
LE
OE
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
O3
O1
O2
O4
O5
INDEX
D6
D2
D5
D3
D4
LCC
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
FUNCTION TABLE(1)
Inputs
Outputs
Dx
LE
OE
Ox
HH
L
H
LH
L
L
XX
H
Z


Similar Part No. - IDT74FCT573CTD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT573CTD IDT-IDT74FCT573CTD Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573CTDB IDT-IDT74FCT573CTDB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT74FCT573CTD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT2373AT RENESAS-IDT74FCT2373AT Datasheet
245Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCH
SEPTEMBER 2009
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com