Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8570SC950-BA Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8570SC950-BA
Description  1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8570SC950-BA Datasheet(HTML) 4 Page - California Eastern Labs

  NX8570SC950-BA Datasheet HTML 1Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 2Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 3Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 4Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 5Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 6Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 7Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 8Page - California Eastern Labs NX8570SC950-BA Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NX8570 Series
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = Tset, TC =
−5 to +70°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Monitor Current (Pf Monitor)
Im (Pf)
Pf = 20 mW, VR = 5 V
30
300
µA
Monitor Current (
λp Monitor)
Im (
λp)
Pf = 20 mW, VR = 5 V, Locking point
15
150
µA
Operation Region
*1
Im (
λ)
25
75
%
⏐λ1−λ2
90
pm
Discrimination Slope
*1
ηλ
0.05
µA/pm
Dark Current
ID
VR = 5 V
2
10
nA
Tracking Error
γ *2
Im = const.
0.5
dB
*1 Operation region, Discrimination slope, Slope assignment
0
Im (
λ)
Im @100%
Im (
λp)
Im @0%
I1: Im @75%
I2: Im @25%
λ1
λ2
λp
λ
Locking point
Negative Slope (Odd channel)
Operation region
0
Im (
λ)
Im @100%
Im (
λp)
Im @0%
I2: Im @75%
I1: Im @25%
λ1
λ2
λp
λ
Locking point
Positive Slope (Even channel)
Operation region
λ1 – λ2
I1 – I2
λ =
[ A/pm]
η
µ
*2 Tracking Error:
γ
Pf
(mW)
0
Im
Im
TLD = Tset
TLD = Tset, TC = –5 to +70˚C
20
Pf
γ = 10 log
[dB]
Pf
20
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = Tset, TC =
−5 to +70°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25
°C
9.5
10.0
10.5
k
B Constant
B
TLD = 25
°C
3 350
3 450
3 550
K
Cooler Current
IC
T = 70 − Tset, Pf = 20 mW
1.5
A
Cooler Voltage
VC
T = 70 − Tset, Pf = 20 mW
3.0
V
Data Sheet PL10135EJ03V0DS
4


Similar Part No. - NX8570SC950-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8570SC303-BA RENESAS-NX8570SC303-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC307-BA RENESAS-NX8570SC307-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC311-BA RENESAS-NX8570SC311-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC315-BA RENESAS-NX8570SC315-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC315DD-BA RENESAS-NX8570SC315DD-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8570SC950-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
   1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com