Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1201P100G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1201P100G
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1201P100G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1201P100G Datasheet HTML 1Page - ON Semiconductor NCP1201P100G Datasheet HTML 2Page - ON Semiconductor NCP1201P100G Datasheet HTML 3Page - ON Semiconductor NCP1201P100G Datasheet HTML 4Page - ON Semiconductor NCP1201P100G Datasheet HTML 5Page - ON Semiconductor NCP1201P100G Datasheet HTML 6Page - ON Semiconductor NCP1201P100G Datasheet HTML 7Page - ON Semiconductor NCP1201P100G Datasheet HTML 8Page - ON Semiconductor NCP1201P100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP1201
http://onsemi.com
2
Figure 1. Typical Application Example
NCP1201
U1
1
1
2
3
4
8
6
5
DF06S
BR1
90
X264
Vac
+
4
3
C1
4.7
m
400 V
+
470
mH
0.2 A
L1
C2
4.7
m
400 V
+
R1
195.7 k
R2
4.3 k
C3
470 p
250 V
R3
100 k
1.0 W
1N4937
D1
Q1
MTD1N60E
+ C4
10
mF
T1
D2
1N5819
47
mH
1.0 A
L3
6.5 V, 600 mA
+ C6
10
m
+
+ C5
10
m
C7
1.0 n
250 VAC Y1
1
2
4
U2
R4
2.7
0.5 W
SFH6156−2
D3
470
mH
0.2 A
L2
5V1
*
* Please refer to the application information section.


Similar Part No. - NCP1201P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201P100G ONSEMI-NCP1201P100G Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
More results

Similar Description - NCP1201P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com