Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8819-33CDF Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8819-33CDF
Description  Dual Channel 1A Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8819-33CDF Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8819-33CDF Datasheet HTML 1Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 2Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 3Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 4Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 5Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 6Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 7Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 8Page - Microsemi Corporation LX8819-33CDF Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LX8819
DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Dual Channel 1A Low Dropout Regulator
Copyright
© 2003
Revision 1.0a, 4/29/2005
TM
®
DESCRI PTI O N
The LX8819 is a dual channel
positive-voltage linear regulator. This
dual regulator has one fixed output
coupled with an adjustable output.
Each channel features a low dropout
and a high accuracy.
The LX8819 provides designers
with a flexible power management
solution, minimal printed circuit board
area, and shorter design cycles.
Each channel can supply up to one
amp independently with a regulator
design optimized for system efficiency
by consuming minimal ground current
while directing quiescent current to
the load.
The
LX8819
features
on-chip
trimming
of
the
internal
voltage
reference
enabling
precise
output
Voltages (typically ±1% of its specified
value)
while
the
Bipolar
output
transistor has a low dropout voltage
even at full output current (VDO < 1.25V
typical @ 1A).
Thermal and Short Circuit Current
Protection are integrated on-chip and
operate independently for each of the
regulator output.
The LX8819 regulator is stable with
a low-value output capacitor (typically
2.2µF on the outputs) allowing the
designers
flexibility
in
external
component selection.
Microsemi’s S-PAK and D-PAK
power
packages
enable
maximum
power dissipation and ease of assembly
using surface mount technology.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Two Independent Regulated
Outputs
Accurate Output Voltages
Typical Dropout of 1.25V at 1A
and 1.1V at 500mA
Independent Thermal and
Current Limit Protection
Low Profile 5 Lead SMT Power
Package
Low Tolerance Load
Regulation
Wide DC Supply Voltage of
3.5V to 10V
Loop Stability Independent of
Output Capacitor Type
APPLICA T ION S
5V to 3.3V / ADJ Regulators
Hard Disk Drives, CD-ROMs
ADSL and Cable Modems
Battery Charging Circuits
Instrumentation
PC Peripherals
PRODUCT H I GHLIGHT
V
IN
= 5V
V
OUT2
= 3.3V/2.5V @ 1A
V
OUT1 = 1.8V @ 1A
22 F
10 F
10 F
221
499
8819
GND
VOUT1
VIN
VOUT2
ADJ
PACKAGE ORDER I N FO
DF
Plastic S-PAK
5 pin
DT
Plastic D-PAK
5-Pin
TJ (
°C)
Output V1
(Pin 4)
Output V2
(Pin 5)
RoHS Compliant
Transition DC: 0515
Adj.
3.3
LX8819-33CDF
LX8819-33CDT
0 to 125
Adj.
2.5
LX8819-25CDF
LX8819-25CDT
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX8819-33CDT-TR)


Similar Part No. - LX8819-33CDF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8815-2500CDF MICROSEMI-LX8815-2500CDF Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8815-2800CDF MICROSEMI-LX8815-2800CDF Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8815-3300CDF MICROSEMI-LX8815-3300CDF Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8815-3318CDF MICROSEMI-LX8815-3318CDF Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
More results

Similar Description - LX8819-33CDF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8816 MICROSEMI-LX8816 Datasheet
375Kb / 9P
   Dual Channel 1A Low Dropout Regulator
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL1118 BELLING-BL1118 Datasheet
813Kb / 8P
   Dual 1A Low Dropout Regulator
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com