Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004V1D-KI08 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6R1004V1D-KI08
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1D-KI08 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6R1004V1D-KI08 Datasheet HTML 1Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 2Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 3Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 4Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 5Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 6Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 7Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 8Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 8 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ;
A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of
write.
3. tCW is measured from the later of CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase
of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10.When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be
applied.
TIMING WAVEFORM OF WRITE CYCLE(3) (CS=Controlled)
Address
CS
tAW
tDW
tDH
Valid Data
WE
Data in
Data out
High-Z
High-Z(8)
tCW(3)
tWP(2)
tAS(4)
tWC
tWR(5)
High-Z
High-Z
tLZ
tWHZ(6)
FUNCTIONAL DESCRIPTION
* X means Don
t Care.
CS
WE
OE
Mode
I/O Pin
Supply Current
H
X
X*
Not Select
High-Z
ISB, ISB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
LL
X
Write
DIN
ICC


Similar Part No. - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D-KI08 SAMSUNG-K6R1004V1D-KI08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com