Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T1008C2C-F Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T1008C2C-F
Description  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008C2C-F Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K6T1008C2C-F Datasheet HTML 2Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 3Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 4Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 5Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 6Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 7Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 8Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 9Page - Samsung semiconductor K6T1008C2C-F Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRELIMINARY
K6T1008C2C Family
CMOS SRAM
Revision 2.0
November 1997
8
DATA RETENTION WAVE FORM
CS1 controlled
VCC
4.5V
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC-0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR(1) applied in case a write ends as CS1 or WE going high tWR(2)
applied in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
4.5V
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V


Similar Part No. - K6T1008C2C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-B SAMSUNG-K6T1008C2E-B Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB55 SAMSUNG-K6T1008C2E-DB55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB70 SAMSUNG-K6T1008C2E-DB70 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DL55 SAMSUNG-K6T1008C2E-DL55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008C2C-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com