Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14016B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14016B
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14016B Datasheet HTML 1Page - ON Semiconductor MC14016B Datasheet HTML 2Page - ON Semiconductor MC14016B Datasheet HTML 3Page - ON Semiconductor MC14016B Datasheet HTML 4Page - ON Semiconductor MC14016B Datasheet HTML 5Page - ON Semiconductor MC14016B Datasheet HTML 6Page - ON Semiconductor MC14016B Datasheet HTML 7Page - ON Semiconductor MC14016B Datasheet HTML 8Page - ON Semiconductor MC14016B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14016B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (6.) (CL = 50 pF, TA = 25_C)
Characteristic
Figure
Symbol
VDD
Vdc
Min
Typ (7.)
Max
Unit
Propagation Delay Time (VSS = 0 Vdc)
Vin to Vout
(VC = VDD, RL = 10 kΩ)
7
tPLH,
tPHL
5.0
10
15
15
7.0
6.0
45
15
12
ns
Control to Output
(Vin v 10 Vdc, RL = 10 kΩ)
8
tPHZ,
tPLZ,
tPZH,
tPZL
5.0
10
15
34
20
15
90
45
35
ns
Crosstalk, Control to Output (VSS = 0 Vdc)
(VC = VDD, Rin = 10 kΩ, Rout = 10 kΩ,
f = 1.0 kHz)
9
5.0
10
15
30
50
100
mV
Crosstalk between any two switches (VSS = 0 Vdc)
(RL = 1.0 kΩ, f = 1.0 MHz,
crosstalk
+ 20 log10
Vout1
Vout2
)
5.0
– 80
dB
Noise Voltage (VSS = 0 Vdc)
(VC = VDD, f = 100 Hz)
10,11
5.0
10
15
24
25
30
nV/
√Cycle
(VC = VDD, f = 100 kHz)
5.0
10
15
12
12
15
Second Harmonic Distortion (VSS = – 5.0 Vdc)
(Vin = 1.77 Vdc, RMS Centered @ 0.0 Vdc,
RL = 10 kΩ, f = 1.0 kHz)
5.0
0.16
%
Insertion Loss (VC = VDD, Vin = 1.77 Vdc,
VSS = – 5.0 Vdc, RMS centered = 0.0 Vdc, f = 1.0 MHz)
Iloss + 20 log10
Vout
Vin
)
(RL = 1.0 kΩ)
(RL = 10 kΩ)
(RL = 100 kΩ)
(RL = 1.0 MΩ)
12
5.0
2.3
0.2
0.1
0.05
dB
Bandwidth (– 3.0 dB)
(VC = VDD, Vin = 1.77 Vdc, VSS = – 5.0 Vdc,
RMS centered @ 0.0 Vdc)
(RL = 1.0 kΩ)
(RL = 10 kΩ)
(RL = 100 kΩ)
(RL = 1.0 MΩ)
12,13
BW
5.0
54
40
38
37
MHz
OFF Channel Feedthrough Attenuation
(VSS = – 5.0 Vdc)
Vout
Vin
+ –50dB)
(RL = 1.0 kΩ)
(RL = 10 kΩ)
(RL = 100 kΩ)
(RL = 1.0 MΩ)
(VC = VSS, 20 log10
5.0
1250
140
18
2.0
kHz
6. The formulas given are for typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14016B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016BCL MOTOROLA-MC14016BCL Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
MC14016BCP MOTOROLA-MC14016BCP Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
More results

Similar Description - MC14016B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com