Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14016B Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14016B
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016B Datasheet(HTML) 1 Page - ON Semiconductor

  MC14016B Datasheet HTML 1Page - ON Semiconductor MC14016B Datasheet HTML 2Page - ON Semiconductor MC14016B Datasheet HTML 3Page - ON Semiconductor MC14016B Datasheet HTML 4Page - ON Semiconductor MC14016B Datasheet HTML 5Page - ON Semiconductor MC14016B Datasheet HTML 6Page - ON Semiconductor MC14016B Datasheet HTML 7Page - ON Semiconductor MC14016B Datasheet HTML 8Page - ON Semiconductor MC14016B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14016B/D
MC14016B
Quad Analog Switch/
Quad Multiplexer
The MC14016B quad bilateral switch is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. Each MC14016B consists of four independent
switches capable of controlling either digital or analog signals. The
quad bilateral switch is used in signal gating, chopper, modulator,
demodulator and CMOS logic implementation.
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Linearized Transfer Characteristics
Low Noise — 12 nV/√Cycle, f ≥ 1.0 kHz typical
Pin–for–Pin Replacements for CD4016B, CD4066B (Note improved
transfer characteristic design causes more parasitic coupling
capacitance than CD4016)
For Lower R
ON, Use The HC4016 High–Speed CMOS Device or
The MC14066B
This Device Has Inputs and Outputs Which Do Not Have ESD
Protection. Antistatic Precautions Must Be Taken.
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient)
per Control Pin
±10
mA
ISW
Switch Through Current
±25
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14016BCP
PDIP–14
2000/Box
MC14016BD
SOIC–14
55/Rail
MC14016BDR2
SOIC–14
2500/Tape & Reel
MC14016BF
SOEIAJ–14
See Note 1.
MARKING
DIAGRAMS
1
14
PDIP–14
P SUFFIX
CASE 646
MC14016BCP
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
14016B
AWLYWW
SOEIAJ–14
F SUFFIX
CASE 965
1
14
MC14016B
AWLYWW
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MC14016BFEL
SOEIAJ–14
See Note 1.


Similar Part No. - MC14016B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016BCL MOTOROLA-MC14016BCL Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
MC14016BCP MOTOROLA-MC14016BCP Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
More results

Similar Description - MC14016B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com