Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVC16373APF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74LVC16373APF
Description  3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC16373APF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVC16373APF Datasheet HTML 1Page - Integrated Device Technology IDT74LVC16373APF Datasheet HTML 2Page - Integrated Device Technology IDT74LVC16373APF Datasheet HTML 3Page - Integrated Device Technology IDT74LVC16373APF Datasheet HTML 4Page - Integrated Device Technology IDT74LVC16373APF Datasheet HTML 5Page - Integrated Device Technology IDT74LVC16373APF Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EXTENDEDCOMMERCIALTEMPERATURERANGE
IDT74LVC16373A
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
1998 Integrated Device Technology, Inc.
DSC-123456
c
PIN CONFIGURATION
SSOP/ TSSOP/ TVSOP
TOP VIEW
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output
Capacitance
VOUT = 0V
6.5
8
pF
CI/O
I/O Port
Capacitance
VIN = 0V
6.5
8
pF
LVC Link
NOTE:
1. As applicable to the device type.
1
Q 2
GND
VCC
GND
GND
SO48-1
SO48-2
SO48-3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
Q 1
1
OE
1
Q 4
1
Q 3
1
Q 6
1
Q 5
1
Q 8
1
Q 7
2
Q 1
2
Q 3
2
Q2
2
Q 4
VCC
2
Q 5
2
Q 6
GND
2
Q7
2
Q 8
2
OE
1
D2
GND
VCC
GND
GND
1
D1
1
LE
1
D4
1
D3
1
D6
1
D5
1
D8
1
D7
2
D1
2
D3
2
D2
2
D4
V CC
2
D5
2
D6
GND
2
D7
2
D8
2
LE
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Description
Max.
Unit
VTERM(2)
Terminal Voltage with Respect to GND
– 0.5 to +6.5
V
VTERM(3)
Terminal Voltage with Respect to GND
– 0.5 to +6.5
V
TSTG
Storage Temperature
– 65 to +150
°C
IOUT
DC Output Current
– 50 to +50
mA
IIK
IOK
Continuous Clamp Current,
VI < 0 or VO < 0
– 50
mA
ICC
ISS
Continuous Current through
each VCC or GND
±100
mA
LVC Link
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device.
This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied.
Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
PIN DESCRIPTION
Pin Names
Description
xDx
Data Inputs
xLE
Latch Enable Input (Active HIGH)
x
OE
Output Enable Inputs (Active LOW)
xQx
3-State Outputs
FUNCTION TABLE(1)
Inputs
Outputs
xDx
xLE
xOE
xQx
HH
L
H
LHL
L
XL
L
Q
0
XX
HZ
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-Impedance
Q
0 = Output level of Q before the indicated steady-state input
conditions were established.


Similar Part No. - IDT74LVC16373APF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Renesas Technology Corp
IDT74LVC16373A RENESAS-IDT74LVC16373A Datasheet
284Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
More results

Similar Description - IDT74LVC16373APF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVC16373A RENESAS-IDT74LVC16373A Datasheet
284Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
IDT74LVCH16373A RENESAS-IDT74LVCH16373A Datasheet
298Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
MARCH 2006
logo
Integrated Device Techn...
IDT74LVCH16373A IDT-IDT74LVCH16373A Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC573A IDT-IDT74LVC573A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCH162373A RENESAS-IDT74LVCH162373A Datasheet
412Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Integrated Device Techn...
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR16952A IDT-IDT74LVCR16952A Datasheet
87Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC162244A IDT-IDT74LVC162244A Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com