Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70800 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT72V70800
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70800 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT72V70800 Datasheet HTML 10Page - Integrated Device Technology IDT72V70800 Datasheet HTML 11Page - Integrated Device Technology IDT72V70800 Datasheet HTML 12Page - Integrated Device Technology IDT72V70800 Datasheet HTML 13Page - Integrated Device Technology IDT72V70800 Datasheet HTML 14Page - Integrated Device Technology IDT72V70800 Datasheet HTML 15Page - Integrated Device Technology IDT72V70800 Datasheet HTML 16Page - Integrated Device Technology IDT72V70800 Datasheet HTML 17Page - Integrated Device Technology IDT72V70800 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
COMMERCIALTEMPERATURERANGE
IDT72V70800 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
AC ELECTRICAL CHARACTERISTICS - FRAME PULSE AND CLK
NOTE:
1. High Impedance is measured by pulling to the appropriate rail with R
L, with timing corrected to cancel time taken to discharge CL.
Symbol
Characteristics
Min.
Typ.
Max.
Units
tFPW
Frame Pulse Width (ST-BUS®, GCI)
Bit rate = 8.192 Mb/s
26
80
ns
tFPS
Frame Pulse Setup time before CLK falling (ST-BUS® or GCI)
5

ns
tFPH
Frame Pulse Hold Time from CLK falling (ST-BUS® or GCI)
10

ns
tCP
CLK Period
Bit rate = 8.192 Mb/s
55
70
ns
tCH
CLK Pulse Width HIGH
Bit rate = 8.192 Mb/s
20
40
ns
tCL
CLK Pulse Width LOW
Bit rate = 8.192 Mb/s
20
40
ns
tr, tf
Clock Rise/Fall Time

10
ns
tHFPW
Wide Frame Pulse Width
Bit rate = 8.192 Mb/s
195
295
ns
tHFPS
Frame Pulse Setup Time before HCLK falling
5
150
ns
tHFPH
Frame Pulse Hold Time from HCLK falling
10
150
ns
tHCP
HCLK (4.096 MHz) Period
Bit rate = 8.192 Mb/s
190
300
ns
tHCH
HCLK (4.096 MHz) Pulse Width HIGH
Bit rate = 8.192 Mb/s
85
150
ns
tHCL
HCLK (4.096 MHz) Pulse Width LOW
Bit rate = 8.192 Mb/s
85
150
ns
tHr,tHf
HCLK Rise/Fall Time

10
ns
tDIF
Delay between falling edge of HCLK and falling edge of CLK
-10
10
ns
Symbol
Characteristics
Min.
Typ.
Max.
Unit
Test Conditions
tSIS
RX Setup Time
0

ns
tSIH
RX Hold Time
10

ns
tSOD
TX Delay – Active to Active

30
ns
C
L = 30pF

40
ns
C
L = 200pF
tDZ
TX Delay – Active to High-Z

32
ns
R
L = 1KΩ, CL = 200pF
tZD
TX Delay – High-Z to Active

32
ns
R
L = 1KΩ, CL = 200pF
tODE
Output Driver Enable (ODE) Delay

32
ns
R
L = 1KΩ, CL = 200pF
AC ELECTRICAL CHARACTERISTICS - SERIAL STREAMS (1)


Similar Part No. - IDT72V70800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70800TFG RENESAS-IDT72V70800TFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
More results

Similar Description - IDT72V70800

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200 Datasheet
145Kb / 24P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com