Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71P72204 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71P72204
Description  18Mb Pipelined QDRII SRAM Burst of 2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P72204 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71P72204 Datasheet HTML 5Page - Integrated Device Technology IDT71P72204 Datasheet HTML 6Page - Integrated Device Technology IDT71P72204 Datasheet HTML 7Page - Integrated Device Technology IDT71P72204 Datasheet HTML 8Page - Integrated Device Technology IDT71P72204 Datasheet HTML 9Page - Integrated Device Technology IDT71P72204 Datasheet HTML 10Page - Integrated Device Technology IDT71P72204 Datasheet HTML 11Page - Integrated Device Technology IDT71P72204 Datasheet HTML 12Page - Integrated Device Technology IDT71P72204 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
9
IDT71P72204 (2M x 8-Bit), 71P72104 (2M x 9-Bit), 71P72804 (1M x 18-Bit) 71P72604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 2
Commercial Temperature Range
Absolute Maximum Ratings(1) (2)
Capacitance (TA = +25°C, f = 1.0MHz)(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VDDQ must not exceed VDD during normal operation.
NOTE:
1. Tested at characterization and retested after any design or process change that
may affect these parameters.
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VDD = 1.8V
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
6109 tbl 06
S ym bol
Rating
Value
Unit
V TE R M
S upply Vo ltage on V DD with
Re s p e ct to G ND
–0.5 to + 2.9
V
V TE R M
S upply Vo ltage on V DDQ with
Re s p e ct to G ND
–0.5 to V DD +0.3
V
V TE R M
Vo ltage on Input te rm inals with
re s p e c t to GND .
–0.5 to V DD +0.3
V
V TE R M
Vo ltage on Outp ut and I/O
te rm inals with re s p e c t to G ND.
-0.5 to V DD Q +0.3
V
TBIAS
Te m perature Under B ias
–55 to + 125
° C
TSTG
S torage Te m perature
–65 to + 150
° C
IOU T
Co ntinuo us Curre nt into Outp uts
+ 20
m A
610 9 t b l 0 5
Recommended DC Operating and
Temperature Conditions
NOTES:
1) All byte write (
BWx) and nibble write (NWx) signals are sampled on the
rising edge of K and again on
K. The data that is present on the data bus in the
designated byte/nibble will be latched into the input if the corresponding
BWx or
NWx is held low. The rising edge of K will sample the first byte/nibble of the
two word burst and the rising edge of
K will sample the second byte/nibble of
the two word burst.
2) The availability of the
BWx or NWx on designated devices is described in
the pin description table.
3) The QDRII Burst of two SRAM has data forwarding. A read request that is
initiated on the same cycle as a write request to the same address will produce
the newly written data in response to the read request.
Signal
BW0
BW1
BW2
BW3
NW0
NW1
Write Byte 0
L
XX
XX
X
Write Byte 1
X
L
X
X
X
X
Write Byte 2
X
X
L
X
X
X
Write Byte 3
XXX
L
X
X
Write Nibble 0
X
X
X
X
L
X
Write Nibble 1
XXX
XX
L
6109 tbl 09
Write Descriptions(1,2)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Power Supply
Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
1.9
V
VSS
Ground
0
0
0
V
VREF
Input Reference
Voltage
0.68
VDDQ/2
0.95
V
TA
Ambient
Temperature (1)
025
+70
o
c
6109 tbl 04
NOTE:
1. During production testing, the case temperature equals the ambient
temperature.


Similar Part No. - IDT71P72204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73104 IDT-IDT71P73104 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104167BQ IDT-IDT71P73104167BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104200BQ IDT-IDT71P73104200BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104250BQ IDT-IDT71P73104250BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
More results

Similar Description - IDT71P72204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com