Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM621P Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM621P
Description  SERIAL THREE BIT PORT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM621P Datasheet(HTML) 5 Page - ELM Electronics

  ELM621P Datasheet HTML 1Page - ELM Electronics ELM621P Datasheet HTML 2Page - ELM Electronics ELM621P Datasheet HTML 3Page - ELM Electronics ELM621P Datasheet HTML 4Page - ELM Electronics ELM621P Datasheet HTML 5Page - ELM Electronics ELM621P Datasheet HTML 6Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
ELM621
ELM621DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
The following lists the commands that the
ELM621 recognizes. These are collectively referred
to as ‘AT’ commands due to the fact that each line
must be preceeded by the letters ‘A’ and ‘T’.
All commands except reset (‘Z’) require two
characters to be complete. The first is a descriptive
letter, while the second is chosen from one of the
options shown within the square brackets, adjacent
to the letter.
As an example, the R or read command can be
followed by either a 1, 2, 3, or an A, so to read the
state of bit 2, the command ‘AT R2’ would be issued,
and AT RA will read all bits.
AT Commands
Device Control
E [ 1 | N ] - terminal echo on
Selecting either E1 or EN will cause all characters
sent to the ELM621 to be retransmitted (or echoed)
back to the controlling device.
E [ 0 | F ] - terminal echo off
Selecting either E0 or EF will stop the echoing of
characters back to the controlling device.
ID - show the device identification string
This command is used to display the type of device
connected and the ROM version.
Z - reset
This command is used to reset the ELM621 to the
power on state. All three port pins will be configured
as inputs, the pullup resistor will be off, the output
latches will be cleared, and terminal echo will be
on.
Port Control
I [ 1 | 2 | 3 | A ] - set port bit to input
Individually selects one, or simultaneously selects
all pins to be inputs, turning off the respective
output driver if it were on.
O [ 1 | 2 | 3 | A ] - set port bit to output
Selects one or all pins to be outputs, enabling the
respective output drivers. If the pullup were on, and
O3 or OA were issued, then the pullup would be
temporarily disabled. Returning B3 to the input
state would restore the pullup resistance.
P [ 1 | N ] - turn the B3 pullup resistance on
Selecting either P1 or PN will enable the internal
30K
Ω resistor from pin 7 to VDD.
P [ 0 | F ] - turn the B3 pullup resistance off
Selecting either P0 or PF will disable the internal
30K
Ω resistor from pin 7 to VDD.
Bit Control
C [ 1 | 2 | 3 | A ] - clear the output bit
Individually clears (to logic 0 or VSS) either one or all
of the port bits. If the pin(s) are also selected to be
outputs, then the logic level will appear immediately
on the output.
S [ 1 | 2 | 3 | A ] - set the output bit
Individually sets (to logic 1 or VDD) either one or all
of the port bits. If the pin(s) are also selected to be
outputs, then the logic level will appear immediately
on the output.
T [ 1 | 2 | 3 | A ] - toggle the state of the output bit
Reverses (or toggles) the logic level of the selected
pin(s). As with C or S, the pin(s) must also be
selected as outputs for an external change to occur.
The toggle command is convenient for creating
pulses, or strobes, on pins. For example, if bit 3 is
configured as an output, and is at a low level,
issuing the command AT T3 T3 will cause pin 7
(B3) to momentarily go to a high level, then return
low. As the ELM621 is interpreter driven, the width
of the pulse will be related to the number of
characters that need be translated. Minimum width
(~60µsec) is obtained with ATT3T3.
R [ 1 | 2 | 3 | A ] - read the level of the port pin
Reads the voltage level at the selected pin(s) and
reports the measured logic level. For example, if pin
2 is at VDD (logic 1), then issuing AT R2 will result
in a response of B2=1.


Similar Part No. - ELM621P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
More results

Similar Description - ELM621P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
   CMOS Serial 8-Bit Input/Output Port
logo
Analog Devices
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com