Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3L100DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3L100DRE4
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L100DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  TS3L100DRE4 Datasheet HTML 1Page - Texas Instruments TS3L100DRE4 Datasheet HTML 2Page - Texas Instruments TS3L100DRE4 Datasheet HTML 3Page - Texas Instruments TS3L100DRE4 Datasheet HTML 4Page - Texas Instruments TS3L100DRE4 Datasheet HTML 5Page - Texas Instruments TS3L100DRE4 Datasheet HTML 6Page - Texas Instruments TS3L100DRE4 Datasheet HTML 7Page - Texas Instruments TS3L100DRE4 Datasheet HTML 8Page - Texas Instruments TS3L100DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
E, S
VCC = 3 V,
IIN = −18 mA
−1.8
V
Vhys
E, S
150
mV
IIH
E, S
VCC = 3.6 V,
VIN = VCC
±1
µA
IIL
E, S
VCC = 3.6 V,
VIN = GND
±1
µA
IOZ‡
VCC = 3.6 V,
VO = 0 to 3.6 V,
VI = 0,
Switch OFF
±1
µA
IOS§
VCC = 3.6 V,
VO = 0 to 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0,
VO = 0 to 3.6 V,
VI = 0
15
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
0.1
10
µA
∆ICC
E, S
VCC = 3.6 V,
One input at VCC − 0.6 V, Other inputs at VCC or GND
750
µA
ICCD
VCC = 3.6 V,
I and Y ports open,
VIN input switching 50% duty cycle
0.45
mA/
MHz
CIN
E, S
f = 1 MHz
3
pF
COFF
I port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
5
pF
COFF
Y port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
10
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
17
pF
ron
VCC = 3 V
VI = 0 V,
IO = 48 mA
5
7
ron
VCC = 3 V
VI = 2 V,
IO = 15 mA
10
15
∆ron
VI = 3 V,
Switch ON,
IO = 15 mA
1
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V, RL = 100 Ω, CL = 35 pF (unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tON
S
Y
1
7.5
ns
tOFF
S
Y
1
3.5
ns
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
dynamic
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP†
UNIT
XTALK(Diff)
RL = 100 Ω,
f = 10 MHz, see Figure 8,
tr = tf = 2 ns
−55
dB
XTALK
RL = 100 Ω,
f = 30 MHz, see Figure 6
−68
dB
OIRR
RL = 100 Ω,
f = 30 MHz, see Figure 7
−42
dB
BW
RL = 100 Ω, see Figure 5
350
MHz
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.


Similar Part No. - TS3L100DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L100DRE4 TI-TS3L100DRE4 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS3L100DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com