Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14014B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC14014B
Description  8-Bit Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC14014B Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14014B, MC14021B
http://onsemi.com
5
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
PULSE
GENERATOR
PULSE
GENERATOR
VDD
Vout
IOH
EXTERNAL
POWER
SUPPLY
EXTERNAL
POWER
SUPPLY
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
Preset output under test to a logic “1” level.
VDD
Vout
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
IOL
Figure 3. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR 1
VDD
P/S
C
P6
P7
P8
DS
Q8
Q7
Q6
PULSE
GENERATOR 2
500 mFID
0.01 mF
CERAMIC
CL
CL
CL
VSS
P5
P4
P3
P2
P1
CLOCK
DATA
50%
1
f


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU4021B8-bit static shift register 1 2 3 4 5 Rohm
HD14014B8-bit Static Shift Register 1 2 3 4 5 Hitachi Semiconductor
HD14021B8-bit Static Shift Register 1 2 3 4 5 Hitachi Semiconductor
MC14014B8-Bit Static Shift Register 1 2 3 4 5 MoreMotorola, Inc
HEF4014B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
74F1998-bit parallel-access shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1668-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn