Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRMA1B12A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PRMA1B12A
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PRMA1B12A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  PRMA1B12A Datasheet HTML 1Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 2Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 3Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 4Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 5Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 6Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 7Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 8Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
ORDERING INFORMATION
A complete part number is represented by the digits below. For example,
the PRMA1A05 is a model 2 PRMA relay with a 1-Form A contact form, a
nominal voltage of 5V and no extra options.
XXXX XX XX X
Series
PRMA
DSS7
Contact Form
1A = 1-Form-A
15 = 1-Form-A
(PRME)
2A = 2-Form-A
1B = 1-Form-B
1C = 1-Form-C
Options
A = ES option
B = Diode option
C = Shield & diode option
S = Modified pinout (Coil at 2 & 6, contact
at 8 & 14, DSS7 only)
Nominal Coil Voltage
05 = 5V
12 = 12V
24 = 24V
Ordering Information
Special Schematics
PRME 25005
PRME 15005
PRME 15002
PRME 15003
PRMA 10037
PRMA 10038
PRMA 10039
These represent
full part numbers.
SRC
DEVICES
SRC
DEVICES
9
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - PRMA1B12A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMA30L MIC-PRMA30L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30M MIC-PRMA30M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30Z MIC-PRMA30Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40M MIC-PRMA40M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results

Similar Description - PRMA1B12A

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com