Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRMA1B12A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PRMA1B12A
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PRMA1B12A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PRMA1B12A Datasheet HTML 1Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 2Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 3Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 4Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 5Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 6Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 7Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 8Page - List of Unclassifed Manufacturers PRMA1B12A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DIP 14 SERIES REED RELAYS
SPECIFICATIONS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
All parameters are at 25°C unless otherwise stated.
Operate voltage, release voltage, and coil resistance will change
approximately 0.4%/°C as ambient temperature varies.
MVS7
4 Pin DIP
Wetted Contacts
(3)
MVS2
8 Pin DIP
Wetted Contacts
(3)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
VL
-
-
1000
(1)
-
-
1000
(1)
Volts
Switching Current
Max DC/PeakAC Resistive
IL
-
-
2
-
-
2
Amps
Carry Current
Max DC/PeakAC Resistive
IC
-
-
3
-
-
3
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
50
-
-
50
Watts
Life Expectancy
Signal Level 1.0 V 10mA
1000
-
-
1000
-
-
x10
6 Ops
50V, 1A
-
2
-
-
2
-
x10
6 Ops
500V, 100mA
-
50
-
-
50
-
x10
6 Ops
Related Loads
(2)
Static Contact Resistance
50mV, 10mA
CR
-
-
100
-
-
100
mΩ
Contact Material
-
Hg
-
-
Hg
-
Hg Content
-
40
-
-
40
-
mgrams
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
10
10
10
12
-10
10
10
12
-
at 100V, 25°C, 40% RH
Capacitance
Across Open Contacts
-
0.7
-
-
0.7
-
pF
Upper Contact to Coil
-
1.2
-
-
1.5
-
pF
Closed Contact to Coil
-
3.2
-
-
2.5
-
pF
Dielectric Strength
Open Contacts
1400
-
-
2000
-
-
VDC/Peak AC
Contacts to Coil
I/O
1400
-
-
5600
-
-
VDC/Peak AC
Operate Time
At Nominal Coil Voltage
TOP
-
1.5
2.5
-
1.5
2.5
ms
10Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
-
1
2.5
-
1
2.5
ms
Environmental Ratings
Storage Temperature
TA
-40
-
+105
-40
-
+105
°C
Operating Temperature
TO
+260
+260
°C
Soldering Temperature
Applied to pins, 5 sec. max.
-38
-
+85
-38
-
+85
°C
Vibration Resistance
(2)
10Hz - 500Hz
G
-
-
10
-
-
10
Gs
(Survival)
Shock Resistance
11±1ms,
1/2 Sine Wave
S
-
-
30
-
-
30
Gs
(Survival)
Weight
-
2.1
-
-
2.1
-
grams
(1) Current limited up to 5mA, minimum 20 million operations; for further information, consult factory
(2) Refer to life graphs
(3) Relay contains mercury welted contacts and must be mounted vertically. Pin 1 is up.
SRC
DEVICES
SRC
DEVICES
5
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - PRMA1B12A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMA30L MIC-PRMA30L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30M MIC-PRMA30M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30Z MIC-PRMA30Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40M MIC-PRMA40M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results

Similar Description - PRMA1B12A

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com