Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIO10N268 Datasheet(PDF) 92 Page - SMSC Corporation

Part # SIO10N268
Description  Advenced Notebook I/O for ISA or LPC Designs with X-Bus Interface for I/O, Memory, and FWH Emulation and Four Srial Ports
Download  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO10N268 Datasheet(HTML) 92 Page - SMSC Corporation

Back Button SIO10N268 Datasheet HTML 88Page - SMSC Corporation SIO10N268 Datasheet HTML 89Page - SMSC Corporation SIO10N268 Datasheet HTML 90Page - SMSC Corporation SIO10N268 Datasheet HTML 91Page - SMSC Corporation SIO10N268 Datasheet HTML 92Page - SMSC Corporation SIO10N268 Datasheet HTML 93Page - SMSC Corporation SIO10N268 Datasheet HTML 94Page - SMSC Corporation SIO10N268 Datasheet HTML 95Page - SMSC Corporation SIO10N268 Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 251 page
background image
Advanced Notebook I/O for ISA or LPC Designs
Datasheet
Rev. 0.5 (03-24-05)
Page 92
SMSC SIO10N268
DATASHEET
Note 8.14
DLAB is Bit 7 of the Line Control Register
The following section describes the operation of the registers.
8.8.1.1
Receive Buffer Register (RB)
Address Offset = 0H, DLAB = 0, READ ONLY
This register holds the received incoming data byte. Bit 0 is the least significant bit, which is transmitted
and received first. Received data is double buffered; this uses an additional shift register to receive the
serial data stream and convert it to a parallel 8 bit word which is transferred to the Receive Buffer register.
The shift register is not accessible.
8.8.1.2
Transmit Buffer Register (TB)
Address Offset = 0H, DLAB = 0, WRITE ONLY
This register contains the data byte to be transmitted. The transmit buffer is double buffered, utilizing an
additional shift register (not accessible) to convert the 8 bit data word to a serial format. This shift register
is loaded from the Transmit Buffer when the transmission of the previous byte is complete.
8.8.1.3
Interrupt Enable Register (IER)
Address Offset = 1H, DLAB = 0, READ/WRITE
The lower four bits of this register control the enables of the five interrupt sources of the Serial Port
interrupt. It is possible to totally disable the interrupt system by resetting bits 0 through 3 of this register.
Similarly, setting the appropriate bits of this register to a high, selected interrupts can be enabled.
Disabling the interrupt system inhibits the Interrupt Identification Register and disables any Serial Port
interrupt out of the SIO10N268. All other system functions operate in their normal manner, including the
Line Status and MODEM Status Registers. The contents of the Interrupt Enable Register are described
below.
Bit 0
This bit enables the Received Data Available Interrupt (and timeout interrupts in the FIFO mode) when set
to logic "1".
Bit 1
This bit enables the Transmitter Holding Register Empty Interrupt when set to logic "1".
Bit 2
This bit enables the Received Line Status Interrupt when set to logic "1". The error sources causing the
interrupt are Overrun, Parity, Framing and Break. The Line Status Register must be read to determine the
source.
Bit 3
This bit enables the MODEM Status Interrupt when set to logic "1". This is caused when one of the
Modem Status Register bits changes state.


Similar Part No. - SIO10N268

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
More results

Similar Description - SIO10N268

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
   LPC I/O for Notebook
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com