Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIO10N268 Datasheet(PDF) 91 Page - SMSC Corporation

Part # SIO10N268
Description  Advenced Notebook I/O for ISA or LPC Designs with X-Bus Interface for I/O, Memory, and FWH Emulation and Four Srial Ports
Download  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO10N268 Datasheet(HTML) 91 Page - SMSC Corporation

Back Button SIO10N268 Datasheet HTML 87Page - SMSC Corporation SIO10N268 Datasheet HTML 88Page - SMSC Corporation SIO10N268 Datasheet HTML 89Page - SMSC Corporation SIO10N268 Datasheet HTML 90Page - SMSC Corporation SIO10N268 Datasheet HTML 91Page - SMSC Corporation SIO10N268 Datasheet HTML 92Page - SMSC Corporation SIO10N268 Datasheet HTML 93Page - SMSC Corporation SIO10N268 Datasheet HTML 94Page - SMSC Corporation SIO10N268 Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 251 page
background image
Advanced Notebook I/O for ISA or LPC Designs
Datasheet
SMSC SIO10N268
Page 91
Rev. 0.5 (03-24-05)
DATASHEET
8.7.8.12 Enhanced DUMPREG
The DUMPREG command is designed to support system run-time diagnostics and application software
development and debug. To accommodate the LOCK command and the enhanced PERPENDICULAR
MODE command the eighth byte of the DUMPREG command has been modified to contain the additional
data from these two commands.
8.7.8.13 Compatibility
The SIO10N268 was designed with software compatibility in mind. It is a fully backwards- compatible
solution with the older generation 765A/B disk controllers. The FDC also implements on-board registers for
compatibility with the PS/2, as well as PC/AT and PC/XT, floppy disk controller subsystems. After a
hardware reset of the FDC, all registers, functions and enhancements default to a PC/AT, PS/2 or PS/2
Model 30 compatible operating mode, depending on how the IDENT and MFM bits are configured by the
system BIOS.
8.8
Serial Port (UART)
The SIO10N268 incorporates four full function UARTs. They are compatible with the 16450, the 16450
ACE registers and the 16C550A. The UARTS perform serial-to-parallel conversion on received characters
and parallel-to-serial conversion on transmit characters. The data rates are independently programmable
from 460.8K baud down to 50 baud. The character options are programmable for 1 start; 1, 1.5 or 2 stop
bits; even, odd, sticky or no parity; and prioritized interrupts. The UARTs each contain a programmable
baud rate generator that is capable of dividing the input clock or crystal by a number from 1 to 65535. The
UARTs are also capable of supporting the MIDI data rate. Refer to the Configuration Registers for
information on disabling, power down and changing the base address of the UARTs. The interrupt from
a UART is enabled by programming OUT2 of that UART to a logic "1". OUT2 being a logic "0" disables
that UART's interrupt. The second UART also supports IrDA 1.2 (4Mbps), HP-SIR, ASK-IR and Consumer
IR infrared modes of operation.
8.8.1
Register Description
Addressing of the accessible registers of the Serial Port is shown below. The base addresses of the serial
ports are defined by the configuration registers (see Configuration section). The Serial Port registers are
located at sequentially increasing addresses above these base addresses. The SIO10N268 contains two
serial ports, each of which contain a register set as described below.
Table 8.33 - Addressing the Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write


Similar Part No. - SIO10N268

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
More results

Similar Description - SIO10N268

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
   LPC I/O for Notebook
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com