Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIO10N268 Datasheet(PDF) 41 Page - SMSC Corporation

Part # SIO10N268
Description  Advenced Notebook I/O for ISA or LPC Designs with X-Bus Interface for I/O, Memory, and FWH Emulation and Four Srial Ports
Download  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO10N268 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button SIO10N268 Datasheet HTML 37Page - SMSC Corporation SIO10N268 Datasheet HTML 38Page - SMSC Corporation SIO10N268 Datasheet HTML 39Page - SMSC Corporation SIO10N268 Datasheet HTML 40Page - SMSC Corporation SIO10N268 Datasheet HTML 41Page - SMSC Corporation SIO10N268 Datasheet HTML 42Page - SMSC Corporation SIO10N268 Datasheet HTML 43Page - SMSC Corporation SIO10N268 Datasheet HTML 44Page - SMSC Corporation SIO10N268 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 251 page
background image
Advanced Notebook I/O for ISA or LPC Designs
Datasheet
SMSC SIO10N268
Page 41
Rev. 0.5 (03-24-05)
DATASHEET
NOTE:
If the MEMEN option is not asserted (MEMEN=’0’) the FWHSEL bit is a don’t care and has no effect on the
LPC interface.
When MEMEN = ‘1’ and the FWHSEL strap option is asserted ‘1’ during VCC POR or Hard Reset, the
LPC interface will decode FWH cycles for the X-Bus interface. When the MEMEN=’1’ and the FWHSEL
strap option is deasserted ‘0’ during VCC POR or Hard Reset, the LPC interface will decode LPC memory
cycles for the X-Bus interface.
The affects of the FWHSEL strap option can be overridden by the FWHSEL bit in the FWH ID Select
register. The affects of FWHSEL can also be qualified by the IDSELEN and ID SELECT bits in the FWH
ID Select register (see section CR54).
8.4.2
FWH and LPC Memory Addressing
FWH cycles and LPC memory cycles received on the LPC Bus in the following system memory ranges are
forwarded to the X-Bus Interface, if enabled. (see Table 8.5 - FWH Strapping Options)
000E0000h to 000FFFFFh – 128KB Legacy BIOS
FF000000h to FFFFFFFFh – 16MB FWH Address Range
NOTE:
ICH2 only forwards memory reads/writes to the FWH that are in address ranges 000E0000h to
000FFFFFh and FF000000h to FFFFFFFFh.
If the FWH or LPC memory address is from 000E0000h to 000FFFFFh, address bits 0
− 19 are forwarded
to XA0 – XA19 and nXCS0 is enabled. XA20 is driven to ‘1’ to alias the 128KB legacy system BIOS from
the top of 1MB to the top of 4GB system memory.
NOTE:
At boot-up, all FWH memory cycles will be forwarded to the memory device on chip select 0 (nXCS0 is
default) if the MEMEN and FWHSEL strapping options are configured to implement FWH memory
transactions.
If the FWH or LPC memory address is from FF000000h to FFFFFFFFh, address bits 0
− 20 are forwarded
to XA0
− XA20 and nXCS0 is enabled. The Flash device is aligned with the top 2 MB (FFE00000h −
FFFFFFFFh) of the 4 GB system memory space.
NOTE:
The full 16MB address space is mapped to the 2MB X-Bus interface, causing aliasing to FWH memory
ranges below FFE00000h. Since no address verification is performed on address bit 21-23, the following
2MB address ranges are aliased or mapped to the X-Bus interface: FFC00000h
− FFDFFFFFh,
FFA00000h
− FFBFFFFFh, FF800000h − FF9FFFFFh, FF600000h − FF7FFFFFh, FF400000h −
FF5FFFFFh, FF200000h
− FF3FFFFFh, and FF000000h − FF1FFFFFh.
8.4.3
FWH Cycle Types
The cycle types supported by the FWH are:
FWH Memory Read: 1 byte.
FWH Memory Write: 1 byte.


Similar Part No. - SIO10N268

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
More results

Similar Description - SIO10N268

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
   LPC I/O for Notebook
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com