Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIO10N268 Datasheet(PDF) 13 Page - SMSC Corporation

Part # SIO10N268
Description  Advenced Notebook I/O for ISA or LPC Designs with X-Bus Interface for I/O, Memory, and FWH Emulation and Four Srial Ports
Download  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO10N268 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button SIO10N268 Datasheet HTML 9Page - SMSC Corporation SIO10N268 Datasheet HTML 10Page - SMSC Corporation SIO10N268 Datasheet HTML 11Page - SMSC Corporation SIO10N268 Datasheet HTML 12Page - SMSC Corporation SIO10N268 Datasheet HTML 13Page - SMSC Corporation SIO10N268 Datasheet HTML 14Page - SMSC Corporation SIO10N268 Datasheet HTML 15Page - SMSC Corporation SIO10N268 Datasheet HTML 16Page - SMSC Corporation SIO10N268 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 251 page
background image
Advanced Notebook I/O for ISA or LPC Designs
Datasheet
SMSC SIO10N268
Page 13
Rev. 0.5 (03-24-05)
DATASHEET
Chapter 1 General Description
The SIO10N268 is a single chip I/O device that can be used on the ISA or LPC bus. Bus selection is
accomplished as a jumper option. Offering the same part with two system busses enables easy migration
from an ISA architecture to the LPC generation enabling the preservation of design techniques and BIOS.
The SIO10N268 is a 3.3V operational (5.0V tolerant), PC 99/2001, and ACPI 1.0 compliant Super I/O
Controller. This device includes SMSC’s true CMOS 765B floppy disk controller with advanced digital data
separator and SMSC’s Multi-Mode parallel port with ChiProtect circuitry plus EPP and ECP support.
Each variation of the part also includes 33 GPIO pins, support for two LED’s with blinking option, and a
WatchDog Timer (WDT) with optional output pin.
The SIO10N268 includes (4) 16C550 compatible
UARTs. One UART includes additional support for a Serial Infrared Interface that complies with IrDA v1.2
(Fast IR), HPSIR, and ASKIR formats, as well as Consumer IR.
SIO10N268, when LPC Mode is selected, implements the LPC bus interface. In this mode, the X-Bus
Interface is enabled to interface to external I/O devices that have an 8-bit data bus and to standard ISA
memory devices, up to 2MB, which can serve as BIOS flash.
SIO10N268, when ISA Mode is selected, supports the ISA Plug-and-Play Standard (Version 1.0a). The I/O
Address, DMA Channel and Hardware IRQ of each device in the part may be reprogrammed through the
internal configuration registers.


Similar Part No. - SIO10N268

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
More results

Similar Description - SIO10N268

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
   LPC I/O for Notebook
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com