Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705KJ1 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC68HC705KJ1
Description  Computer Operation Properly Module
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705KJ1 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC68HC705KJ1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC705KJ1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
MC68HC705KJ1 • MC68HRC705KJ1 • MC68HLC705KJ1 Data Sheet, Rev. 4.1
Freescale Semiconductor
13
Chapter 1
Introduction
1.1 Features
Features on the MC68HC705KJ1 include:
Robust noise immunity
4.0-MHz internal operating frequency at 5.0 V
1240 Bytes of EPROM/OTPROM (electrically programmable read-only memory/one-time
programmable read-only memory), including eight bytes for user vectors
64 bytes of user RAM
Peripheral modules:
15-stage multifunction timer
Computer operating properly (COP) watchdog
10 bidirectional input/output (I/O) lines, including:
10-mA sink capability on all I/O pins
Software programmable pulldowns on all I/O pins
Keyboard scan with selectable interrupt on four I/O pins
5.5-mA source capability on six I/O pins
Selectable sensitivity on external interrupt (edge- and level-sensitive or edge-sensitive only)
On-chip oscillator with connections for:
–Crystal
Ceramic resonator
Resistor-capacitor (RC) oscillator (MC68HRC705KJ1) with or without external resistor
External clock
Low-speed (32-kHz) crystal (MC68HLC705KJ1)
Memory-mapped I/O registers
Fully static operation with no minimum clock speed
Power-saving stop, halt, wait, and data-retention modes
External interrupt mask bit and acknowledge bit
Illegal address reset
Internal steering diode and pullup resistor from RESET pin to VDD
Selectable EPROM security(1)
Selectable oscillator bias resistor
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the EPROM/OTPROM
difficult for unauthorized users.


Similar Part No. - MC68HC705KJ1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC705KJ1 FREESCALE-MC68HC705KJ1 Datasheet
725Kb / 108P
   M68HC05 Microcontrollers
logo
Motorola, Inc
MC68HC705KJ1C MOTOROLA-MC68HC705KJ1C Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
MC68HC705KJ1CDW MOTOROLA-MC68HC705KJ1CDW Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC705KJ1CDW FREESCALE-MC68HC705KJ1CDW Datasheet
384Kb / 16P
   Migrating from the MC68HC705K1 to the MC68HC705KJ1
More results

Similar Description - MC68HC705KJ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX2540064S128FI ETC2-TX2540064S128FI Datasheet
640Kb / 10P
   Computer On Module
TX48720256S128FI ETC2-TX48720256S128FI Datasheet
603Kb / 1P
   Computer On Module
TX5312001024S128FLVDS ETC2-TX5312001024S128FLVDS Datasheet
1Mb / 14P
   Computer On Module
logo
Grayhill, Inc
04J-BP-T01 GRAYHILL-04J-BP-T01 Datasheet
527Kb / 1P
   Sealed against contamination when properly mounted
logo
Nippon Precision Circui...
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
   0.8V operation Crystal Oscillator Module ICs
logo
Advantech Co., Ltd.
ROM-DK3420 ADVANTECH-ROM-DK3420 Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
   Computer
logo
List of Unclassifed Man...
ED-CM4IO-1232-C ETC-ED-CM4IO-1232-C Datasheet
3Mb / 4P
   A Computer Based on Raspberry Pi Compute Module 4
2022-10-24
logo
Advantech Co., Ltd.
ROM-DK3310 ADVANTECH-ROM-DK3310 Datasheet
453Kb / 2P
   Development Kit for RTX 2.0 computer Module ROM-3310
6-Jun-2019
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com