Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1913
Description  60mA 1.5x High-Efficiency White LED Charge Pumps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1913 Datasheet HTML 1Page - Maxim Integrated Products MAX1913 Datasheet HTML 2Page - Maxim Integrated Products MAX1913 Datasheet HTML 3Page - Maxim Integrated Products MAX1913 Datasheet HTML 4Page - Maxim Integrated Products MAX1913 Datasheet HTML 5Page - Maxim Integrated Products MAX1913 Datasheet HTML 6Page - Maxim Integrated Products MAX1913 Datasheet HTML 7Page - Maxim Integrated Products MAX1913 Datasheet HTML 8Page - Maxim Integrated Products MAX1913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
60mA 1.5x High-Efficiency White LED
Charge Pumps
4
_______________________________________________________________________________________
Detailed Description
The MAX1912/MAX1913 are complete charge-pump
boost converters requiring only four small ceramic
capacitors. They employ a 750kHz fixed-frequency
50% duty-cycle clock. The MAX1912/MAX1913 use a
1.5x charge- pump mode. This operation has two phas-
es (see Figure 1), charge and transfer. In charge
phase, transfer capacitors C1 and C2 charge in series
from the input voltage. In transfer phase, C1 and C2
are configured in parallel and connected from OUT to
IN, transferring charge to COUT. If this system were
allowed to operate unregulated and unloaded, it would
generate an output voltage 1.5 times the input voltage.
Output Regulation
The output voltage is regulated by controlling the rate
at which the transfer capacitors are charged. The
switching frequency and duty cycle are constant, so
the output noise spectrum is predictable. Input and out-
put ripple are much smaller in value than with other
regulating charge-pump topologies because the
charge transferred per cycle is only the amount
required to supply the output load.
Soft-Start
The MAX1912/MAX1913 include soft-start circuitry to
limit inrush current at turn-on. When starting up with the
output voltage at zero, the output capacitor is charged
through a ramped current source, directly from the
input with no charge-pump action until the output volt-
age is near the input voltage. If the output is shorted to
ground, the part remains in this mode without damage
until the short is removed.
Once the output capacitor is charged to the input volt-
age, the charge-pumping action begins. Startup surge
current is minimized by ramping up charge on the
transfer capacitors. As soon as regulation is reached,
soft-start ends and the part operates normally. If the
SET voltage reaches regulation within 2048 clock
cycles (typically 2.7ms), the part begins to run in nor-
mal mode. If the SET voltage is not reached by 2048
cycles, the soft-start sequence is repeated. The
devices will continue to repeat the soft-start sequence
until the SET voltage reaches the regulation point.
Shutdown Mode
When driven low, SHDN turns off the charge pump.
This reduces the quiescent current to approximately
0.1µA. The output is high impedance in shutdown.
Drive SHDN high or connect to IN for normal operation.
Thermal Shutdown
The MAX1912/MAX1913 shut down when their die tem-
perature reaches +160°C. Normal operation continues
after the die cools by 15°C. This prevents damage if an
excessive load is applied or the output is shorted to
ground.
Design Procedure
Setting Output Current (MAX1912)
The MAX1912 has a SET voltage threshold of 0.2V,
used for LED current regulation (Figure 2). The current
through the resistor and LED is:
ILED = 0.2/R
If additional matching LEDs with ballast resistors are
connected to the output as in Figure 2, the current
Pin Description
PIN
NAME
FUNCTION
1
GND
Ground
2
IN1
Supply Voltage Input. Connect to IN2. Bypass to GND with a 2.2µF ceramic capacitor.
3
C2-
Transfer Capacitor 2 Connection, Negative Side
4
C1+
Transfer Capacitor 1 Connection, Positive Side
5
OUT
Output. Bypass to GND with a 2.2µF ceramic capacitor.
6
SHDN
Shutdown Input. Drive low to turn off the device and disconnect the load from the input. OUT is high
impedance in shutdown. Drive high or connect to IN for normal operation.
7
C2+
Transfer Capacitor 2 Connection, Positive Side
8
IN2
Supply Voltage Input. Connect to IN1.
9
C1-
Transfer Capacitor 1 Connection, Negative Side
10
SET
SET programs the output voltage with a resistive-divider from OUT (MAX1913), or programs output
current with a resistor from SET to GND (MAX1912). For the MAX1913, when SET is connected to IN,
VOUT is internally set to 5V.


Similar Part No. - MAX1913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
   Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1910EUB MAXIM-MAX1910EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912 MAXIM-MAX1912 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912EUB MAXIM-MAX1912EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results

Similar Description - MAX1913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113_08 Datasheet
1Mb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com