Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14001B Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC14001B
Description  B-Suffix Series CMOS Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14001B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14001B Datasheet HTML 2Page - ON Semiconductor MC14001B Datasheet HTML 3Page - ON Semiconductor MC14001B Datasheet HTML 4Page - ON Semiconductor MC14001B Datasheet HTML 5Page - ON Semiconductor MC14001B Datasheet HTML 6Page - ON Semiconductor MC14001B Datasheet HTML 7Page - ON Semiconductor MC14001B Datasheet HTML 8Page - ON Semiconductor MC14001B Datasheet HTML 9Page - ON Semiconductor MC14001B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14001B Series
http://onsemi.com
6
TYPICAL B−SERIES GATE CHARACTERISTICS
N−CHANNEL DRAIN CURRENT (SINK)
P−CHANNEL DRAIN CURRENT (SOURCE)
− 40°C
+ 85°C
+ 125°C
Figure 2. VGS = 5.0 Vdc
Figure 3. VGS = − 5.0 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
− 1.0
0
0
TA = − 55°C
Figure 4. VGS = 10 Vdc
Figure 5. VGS = − 10 Vdc
16
14
12
10
8.0
6.0
4.0
2.0
0
5.0
3.0
1.0
10
8.0
6.0
4.0
2.0
0
0
0
Figure 6. VGS = 15 Vdc
Figure 7. VGS = − 15 Vdc
0
0
0
0
− 40°C
+ 25°C
+ 85°C
+ 125°C
− 1.0
− 3.0
− 5.0
− 4.0
− 2.0
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
TA = − 55°C
+ 25°C
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
+ 125°C
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc)
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
+ 125°C
18
20
9.0
7.0
− 5.0
− 3.0
− 1.0
− 10
− 8.0
− 6.0
− 4.0
− 2.0
− 9.0
− 7.0
− 40
− 35
− 30
− 25
− 20
− 15
− 10
− 5.0
− 45
− 50
10
6.0
2.0
20
16
12
8.0
4.0
18
14
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
− 10
− 6.0
− 2.0
− 20
− 16
− 12
− 8.0
− 4.0
− 18
− 14
− 80
− 70
− 60
− 50
− 40
− 30
− 20
− 10
− 90
− 100
40
35
30
25
20
15
10
5.0
45
50
TA = − 55°C
− 40°C
+ 25°C
+ 85°C
− 2.0
− 3.0
− 4.0
− 5.0
− 6.0
− 7.0
− 8.0
− 9.0
− 10
+ 125°C
+ 125°C
These typical curves are not guarantees, but are design aids.
Caution: The maximum rating for output current is 10 mA per pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn