Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LF687-BA Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8563LF687-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LF687-BA Datasheet(HTML) 5 Page - California Eastern Labs

  NX8563LF687-BA Datasheet HTML 1Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 2Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 3Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 4Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 5Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 6Page - California Eastern Labs NX8563LF687-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wavelength code
ITU-T1 Wavelength
Frequency
Wavelength code
ITU-T1 Wavelength
Frequency
(nm)
(THz)
(nm)
(THz)
695
1569.59
191.00
704
1570.41
190.90
712
1571.23
190.80
720
1572.06
190.70
728
1572.88
190.60
737
1573.71
190.50
745
1574.54
190.40
753
1575.36
190.30
761
1576.19
190.20
770
1577.02
190.10
778
1577.85
190.00
786
1578.68
189.90
795
1579.51
189.80
803
1580.35
189.70
811
1581.18
189.60
820
1582.01
189.50
828
1582.85
189.40
836
1583.69
189.30
845
1584.52
189.20
853
1585.36
189.10
862
1586.20
189.00
870
1587.04
188.90
878
1587.88
188.80
887
1588.72
188.70
895
1589.56
188.60
4904
1590.41
188.50
912
1591.25
188.40
921
1592.10
188.30
929
1592.94
188.20
937
1593.79
188.10
946
1594.64
188.00
954
1595.48
187.90
963
1596.33
187.80
971
1597.18
187.70
980
1598.04
187.60
988
1598.89
187.50
997
1599.74
187.40
6006
1600.60
187.30
6014
1601.45
187.20
6023
1602.31
187.10
6031
1603.16
187.00
6040
1604.02
186.90
6048
1604.88
186.80
6057
1605.74
186.70
6066
1606.60
186.60
6074
1607.46
186.50
6083
1608.32
186.40
6091
1609.19
186.30
6100
1610.05
186.20
6109
1610.92
186.10
6117
1611.78
186.00
TABLE B: DWDM Wavelength based on ITU-T Recommendations (@TLD = Tset)
Note:
1. The Value which omitted and computed the 3rd place below the decimal point.


Similar Part No. - NX8563LF687-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF687-BA CEL-NX8563LF687-BA Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
Renesas Technology Corp
NX8563LF687-BA RENESAS-NX8563LF687-BA Datasheet
300Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8563LF687-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com