Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSS71A05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. MSS71A05
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MSS71A05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DIP 14 SERIES REED RELAYS
SPECIFICATIONS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
All parameters are at 25°C unless otherwise stated.
Operate voltage, release voltage, and coil resistance will change
approximately 0.4%/°C as ambient temperature varies.
PRMA
Molded 8 Pin
Form-C
Dry Reed
PRMA
Molded 8 Pin
Form-A&B
Dry Reed
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
VL
-
100
-
-
200
Volts
Switching Current
Max DC/PeakAC Resistive
IL
-
0.25
-
-
0.5
Amps
Carry Current
Max DC/PeakAC Resistive
IC
-
0.4
-
-
2
Amps
Contact Rating
Max DC/PeakAC Resistive
-
3
-
-
10
Watts
Life Expectancy
Signal Level 1.0V 10mA
-
20
-
300
500
-
x10
6 Ops
Related Loads
(1)
Static Contact Resistance
50mV, 10mA
CR
-
200
-
-
150
mΩ
Dynamic Contact Resistance
.5V, 50mA at 100Hz, 1.5 msec
DCR
-
N/A
-
-
N/A
-
mΩ
Contact Material
-
Rh
-
-
Ru
-
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
10
9
10
10
-10
10
10
12
-
at 100V, 25°C, 40% RH
Capacitance
Across Open Contacts
-
2.5
3
-
0.7
1
pF
Open Contact to Coil
3
3
-
1.5
2
pF
Dielectric Strength
Between Contacts
250
-
-
250
-
-
VDC/Peak AC
Contacts to Coil
I/O
1400
-
-
1400
-
-
VDC/Peak AC
Operate Time,
At Nominal Coil Voltage
TOP
-
1.5
2
-
.25
0.5
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
-
1.5
3
-
.25
0.5
ms
Environmental Ratings
Storage Temperature
TA
-40
-
+105
-40
-
+105
°C
Operating Temperature
TO
-40
-
+80
-40
-
+80
°C
Soldering Temperature
Applied to pins, 5 sec. max.
-
260
-
-
-
260
°C
Vibration Resistance
(2)
10 Hz - 500 Hz for PRMA Form A&B
G
-
-
10
-
-
20
Gs
(Survival)
5Hz - 500Hz for PRMA Form C
Shock Resistance
11±1ms,
1/2 Sine Wave
S
-
-
50
-
-
100
Gs
(Survival)
Weight
-
1.5
-
-
1.5
-
grams
(1) Refer to life graphs
(2) Use caution not to exceed vibration resistance limits while ultrasonically cleaning relays with DYAD switches. Contact SRC Devices Engineering for more
details/recommendations.
SRC
DEVICES
SRC
DEVICES
3
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80008000 SERIES / DIP REED RELAYS 1 2 List of Unclassifed Manufacturers
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
101R-1A12D2SIP DIP REED RELAYS 1 2 DB Lectro Inc
SIL4SIP SERIES REED RELAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
8L00Spartan DIP Reed Relays 1 2 List of Unclassifed Manufacturers
10R-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
17D-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
MZPAMiniature Relays Series M Type MZ 2 poles 10A Monostable 1 2 List of Unclassifed Manufacturers
20D-1A12E1MINIATURE REED RELAYS 1 2 DB Lectro Inc
20D-1A12N1MINIATURE REED RELAYS 1 2 DB Lectro Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn