Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9073703MHA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5962-9073703MHA
Description  MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9073703MHA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5962-9073703MHA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9073703MHA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-90737
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
C
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Break-before-make time
delay
tD
RL = 300 Ω, CL = 36 pF,
VS1 = VS2 = ±10 V,
TA = +25°C,
see figures 5 and 6
9
03
5
150
ns
Functional tests
FT
See 4.4.1c
7,8
All
Positive supply current
I+
V+ = +16.5 V, V- = -16.5 V,
1
All
±1
µA
VIN = 0 V, 5 V
2,3
±5
Negative supply current
I-
V+ = +16.5 V, V- = -16.5 V,
1
All
±1
µA
VIN = 0 V, 5 V
2,3
±5
Logic supply current
IL
V+ = +16.5 V, V- = -16.5 V,
1
All
±1
µA
VIN = 0 V, 5 V
2,3
±5
Ground current
IGND
V+ = +16.5 V, V- = -16.5 V,
1
All
±1
µA
VIN = 0 V, 5 V
2,3
±5
1/ Unless otherwise specified, V+ = +15 V, V- = -15 V, VL = 5 V, and GND = 0 V.
2/ VIN = input voltage to perform proper function.
3.8 Notification of change for device class M. For device class M, notification to DSCC-VA of change of product (see 6.2
herein) involving devices acquired to this drawing is required for any change as defined in MIL-PRF-38535, appendix A.
3.9 Verification and review for device class M. For device class M, DSCC, DSCC's agent, and the acquiring activity retain
the option to review the manufacturer's facility and applicable required documentation. Offshore documentation shall be made
available onshore at the option of the reviewer.
3.10 Microcircuit group assignment for device class M. Device class M devices covered by this drawing shall be in
microcircuit group number 82 (see MIL-PRF-38535, appendix A).


Similar Part No. - 5962-9073703MHA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results

Similar Description - 5962-9073703MHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Solitron Devices Inc.
SDP117 SOLITRON-SDP117 Datasheet
98Kb / 14P
   MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
logo
List of Unclassifed Man...
AD96687BPZ ETC-AD96687BPZ Datasheet
72Kb / 11P
   MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD625JNZ ETC-AD625JNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
5962-89637 ETC2-5962-89637 Datasheet
63Kb / 10P
   MICROCIRCUIT, LINEAR, WIDEBAND RMS-TO-DC CONVERTER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com