Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10SX1190 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10SX1190
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10SX1190 Datasheet HTML 1Page - ON Semiconductor MC10SX1190 Datasheet HTML 2Page - ON Semiconductor MC10SX1190 Datasheet HTML 3Page - ON Semiconductor MC10SX1190 Datasheet HTML 4Page - ON Semiconductor MC10SX1190 Datasheet HTML 5Page - ON Semiconductor MC10SX1190 Datasheet HTML 6Page - ON Semiconductor MC10SX1190 Datasheet HTML 7Page - ON Semiconductor MC10SX1190 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10SX1190
http://onsemi.com
3
DC CHARACTERISTICS (Note 1)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output Voltage High (QR,QR)
VCC = 5.0V, VEE = 0V (Notes 2,3)
4.01
4.04
4.06
4.16
V
VOL
Output Voltage Low (QR,QR)
VCC = 5.0V, VEE = 0V (Notes 2,3)
3.23
3.26
3.28
3.33
V
VOH
Output Voltage High (QT,QT)
VCC = 5.0V, VEE = 0V (Notes 2,4)
3.94
3.98
4.04
4.13
V
VOL
Output Voltage Low (QT,QT)
VCC = 5.0V, VEE = 0V (Notes 2,4)
2.51
2.49
2.48
2.47
V
ICC
Quiescent Supply Current (Note 5)
55
mA
VIH
Input Voltage High (DR,DR & DT,DT)
VCC = 5.0V, VEE = 0V (Note 2)
3.77
4.11
3.83
4.16
3.87
4.19
3.94
4.28
V
VIL
Input Voltage Low (DR,DR & DT,DT)
VCC = 5.0V, VEE = 0V (Note 2)
3.05
3.50
3.05
3.52
3.05
3.52
3.05
3.56
V
VIH
Input Voltage High SEL (Note 6)
2.0
2.0
2.0
2.0
V
VIL
Input Voltage Low SEL (Note 6)
0.8
0.8
0.8
0.8
V
VBB
Output Reference Voltage
VCC = 5.0V, VEE = 0V (Note 2)
3.57
3.63
3.70
3.62
3.67
3.73
3.65
3.70
3.75
3.69
3.75
3.81
V
1. 10SX circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is mounted in a test socket
or mounted on a printed circuit board and transverse air greater than 500lfm is maintained.
2. Values will track 1:1 with the VCC supply.
3. Outputs loaded with 50
Ω to +3.0V
4. Outputs loaded with 50
Ω to +2.0V
5. Outputs open circuited.
6. TTL signal threshold is 1.5V above VEE.
AC CHARACTERISTICS (Note 1 & 7)
–40
°C
0 to 85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH, tPHL
Propagation Delay DR
QR (Diff)
to Output
(SE)
240
240
ps
Note 2
Note 3
DR
QT (Diff)
(SE)
425
425
DT
QT (Diff)
(SE)
425
425
tPLH, tPHL
Propagation Delay
SEL
QT,QT
450
600
850
500
650
800
ps
1.5V to 50% Pt
tr,
tf
Rise Time
QR,QR
Fall Time
118
118
ps
20% to 80%
80% to 20%
tr,
tf
Rise Time
QT,QT
Fall Time
230
230
ps
20% to 80%
80% to 20%
tskew
Within Device Skew
15
15
ps
Note 4
VPP
Minimum Input Swing
200
200
mV
Note 5
VCMR
Common Mode Range
3.0
4.35
3.0
4.35
V
Note 6
fmax
Maximum Operation Frequency
2.5
2.5
Gb/s
1. 10SX circuits are designed to meet the AC specifications shown in the table after thermal equilibrium has been established. The circuit is mounted in a test socket
or mounted on a printed circuit board and transverse air greater than 500lfm is maintained.
2. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output
signals.
3. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
4. Duty cycle skew is the difference between tPLH and tPHL propagation delay through a device.
5. Minimum input swing for which AC parameters are guaranteed.
6. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range
and the peak-to-peak voltage lies between VPP Min and 1.0V.
7. Data taken at VCC, nom = 3.3V.


Similar Part No. - MC10SX1190

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTG ONSEMI-MC10SX1190DTG Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2 ONSEMI-MC10SX1190DTR2 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2G ONSEMI-MC10SX1190DTR2G Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
More results

Similar Description - MC10SX1190

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com