Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPG2024TQ Datasheet(PDF) 5 Page - California Eastern Labs

Part No. UPG2024TQ
Description  NECs GaAs MMIC DPDT SWITCHES FOR 5 GHz BAND WIRELESS LAN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2024TQ Datasheet(HTML) 5 Page - California Eastern Labs

  UPG2024TQ Datasheet HTML 1Page - California Eastern Labs UPG2024TQ Datasheet HTML 2Page - California Eastern Labs UPG2024TQ Datasheet HTML 3Page - California Eastern Labs UPG2024TQ Datasheet HTML 4Page - California Eastern Labs UPG2024TQ Datasheet HTML 5Page - California Eastern Labs UPG2024TQ Datasheet HTML 6Page - California Eastern Labs UPG2024TQ Datasheet HTML 7Page - California Eastern Labs UPG2024TQ Datasheet HTML 8Page - California Eastern Labs UPG2024TQ Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
UPG2024TQ
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
.
CRF
Cbypass
Cbypass
Cbypass
Cbypass
CRF
CRF
CRF
USING THE NEC EVALUATION BOARD
SYMBOL
FORM
RATING
PART NUMBER
MANUFACTURER
CRF
Chip Capacitor
2 pF
GRM36CK020C50PB
muRata
Cbypass
Chip Capacitor
1 000 pF
GRP033B11C102KD01E
muRata
PC Terminal
A2-2PA-2.54DSA
Hirose
RF Connector
142-0721-821
Johnson
PWB
RO4003 (t = 0.51 mm)
Rogers


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn