Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M564R16DJ-10 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M5M564R16DJ-10
Description  1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M564R16DJ-10 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M5M564R16DJ,TP-10,-12,-15
MITSUBISHI LSIs
1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M564R16D-10
M5M564R16D-12
M5M564R16D-15
M5M564R16D-10
M5M564R16D-12
M5M564R16D-15
tdis(S)
tdis(OE)
tdis(B)
Output disable time after LB,UB high
Output disable time after S high
Output disable time after OE high
ten(B)
ten(S)
ten(OE)
Output enable time after LB,UB low
Output enable time after S low
Output enable time after OE low
READ CYCLE
ns
ns
ns
ns
tCR
ta(A)
ta(OE)
ta(S)
tv(A)
56
7
ta(B)
LB,UB access time
Symbol
Parameter
Read cycle time
Address access time
Chip select access time
Output enable access time
Data valid time after address change
Unit
Limits
Max
Min
Max
Min
Max
Min
tPU
Power-up time after chip selection
tPD
Power down time after chip selection
000
Write cycle
t
CW
tw(W)
tsu(A-WH)
tsu(A)1
th(D)
tsu(D)
tsu(S)
trec(W)
tdis(W)
ten(W)
ten(OE)
tdis(OE)
ns
LB,UB setup time
ten(B)
Output enable time after LB,UB low
tsu(B)
tsu(A-SH)
tsu(A-BH)
Address to LB,UB High
10
12
15
Symbol
Parameter
Write cycle time
Write pulse width
Address setup time(W)
Chip select setup time
Data setup time
Data hold time
Write recovery time
Output enable time after OE low
Output disable time after OE high
Address to W High
Unit
Limits
Max
Min
Output disable time after W low
Output enable time after W high
Address to S High
56
7
00
0
00
0
10
12
15
44
4
ns
ns
ns
ns
ns
56
7
00
ns
33
ns
33
ns
4
4
ns
ns
56
7
0
3
3
4
56
7
10
12
15
10
12
15
10
12
15
Max
Min
Max
Min
tsu(A)2
Address setup time(S)
ns
9
10
12
ns
9
10
12
ns
0
00
ns
0
0
0
ns
910
12
ns
56
7
ns
0
00
ns
0
00
0
00
0
00
5
67
5
67
0
00
0
00
0
00
9
10
12
9
10
12
9
10
12
4
ns
ns
ns
ns
ns
ns
ns
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn