Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5033M Datasheet(PDF) 10 Page - Raytheon Company

Part # RC5033M
Description  Adjustanble Sychronous DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC5033M Datasheet(HTML) 10 Page - Raytheon Company

Back Button RC5033M Datasheet HTML 6Page - Raytheon Company RC5033M Datasheet HTML 7Page - Raytheon Company RC5033M Datasheet HTML 8Page - Raytheon Company RC5033M Datasheet HTML 9Page - Raytheon Company RC5033M Datasheet HTML 10Page - Raytheon Company RC5033M Datasheet HTML 11Page - Raytheon Company RC5033M Datasheet HTML 12Page - Raytheon Company RC5033M Datasheet HTML 13Page - Raytheon Company RC5033M Datasheet HTML 14Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PRODUCT SPECIFICATION
RC5033
10
Dual Power Supply Application
In some CPU power applications there may be a need for a
split voltage converter. The circuit in Figure 4 addresses this
need with only minimal component count. The basic
RC5033 non-synchronous DC-DC converter is augmented
with an op-amp, a power MOSFET, and some 1% resistors
to provide a dual power supply with one voltage set to 3.3V
and the other, slaved off of the 3.3V, set to 2.9V. In this con-
figuration, the RC5033 converts the 5V to 3..3V with high
efficiency. By using the op-amp, power FET, and the resis-
tors, a low-dropout linear regulator is realized that can be run
off of the 3.3V. The 2.9V linear regulator has a relatively
high efficiency just due to the fact that the ratio of 2.9V/3.3V
is close to 88%. The power FET is a low Rdson n-channel
MOSFET, and thus it is reasonably inexpensive. The opamp
can be a garden variety, though the input bias current and
output slew rate need to be considered to optimize accuracy
and transient response. The overall efficiency of this power
supply system will very much depend upon the percentage of
power used on each power output. Overall, the efficiency of
this system will be lower than if both supplies were imple-
mented as switchers; however, the added savings of the part
count reduction may more than compensate for the overall
lower efficiency.
Standard Application Circuit
The circuit shown in Figure 1 along with its components and
values has been designed as representative of the typical
application involving the RC5033 for a Pentium™ CPU. Use
of the standard application circuit will deliver the perfor-
mance curves shown under the Typical Operating Character-
istics section of the data sheet. Many users will want to
develop their own DC-DC converter solution that is uniquely
tailored to a specific application requirement. In that case,
the users should review the detailed information in the
Design Procedure and Applications Information section of
the data sheet.
Detailed Description
The RC5033 is a programmable voltage synchronous con-
troller. When designed around the appropriate external com-
ponents, it can be configured to deliver more than 10A of
output current. During heavy loading conditions the RC5033
functions as a current-mode PWM step down regulator.
Under light loading conditions, the regulator functions in the
PFM or pulse skipping mode, thereby increasing its effi-
ciency under light loads.
Applications Discussion
VCCP
C5
200
µF
DS2
EC10QS02
RC5033
9
10
11
12
C13
4.7
µF
13
14
8
7
6
5
4
3
2
1
15
16
GND
C4
0.1
µF
+12V
C1
47pF
R2
12K
R3
88K
LM308A
+
+
M1
MTD20N03HDL
DS1
MBRB1545CT
C9
330
µF
65-5033-08
C2
1
µF
L1
1.5
µH
R1
0.012
VO
M2
MTD20N03HDL
VO2
2.9V
C1
47pF


Similar Part No. - RC5033M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
logo
Soshin electric Co., Lt...
RC5038ZZ SOSHIN-RC5038ZZ Datasheet
135Kb / 3P
   Ferrite core with metal fitting for installation
More results

Similar Description - RC5033M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com