Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C128-120WC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY27C128-120WC
Description  128K (16K x 8-Bit) CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C128-120WC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY27C128-120WC Datasheet HTML 1Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 2Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 3Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 4Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 5Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 6Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 7Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 8Page - Cypress Semiconductor CY27C128-120WC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY27C128
5
Typical DC and AC Characteristics
1.0
0.8
0.7
4.0
4.5
5.0
5.5
6.0
-100 -50
150
1.2
1.1
1.2
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (_C)
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
0.6
0.9
AMBIENT TEMPERATURE (_C)
NORMALIZED ACCESS TIME
vs. TEMPERATURE
1.0
0.9
0.8
0.8
60
50
40
30
20
10
0
1.0
2.0
3.0
OUTPUT VOLTAGE (V)
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
4.0
0.0
1000
VCC = 4.5V
TA = 25_C
TA = 25_C
f = fMAX
0
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
1.4
1.2
1.1
1.3
0.7
1.3
0
50
100
0.85
0.95
1.05
1.15
1.25
-100 -50
150
1.3
1.2
1.1
1.0
0.9
0.8
1.4
0
50
100
VCC = 5V
TA = 25_C
1.15
1.05
0.95
0.85
CYCLE TIME (ns)
NORMALIZEDSUPPLY CURRENT
vs. ACCESS TIME
0.75
0.8
0.9
1.0
1.1
1.2
0
100
200
300
400 500
VCC = 5.6V
TA = 25_C
150
175
125
75
50
25
0.0
1.0
2.0
3.0
0
100
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VCC = 5.0V
TA = 25_C
4.0


Similar Part No. - CY27C128-120WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120 CYPRESS-CY27C256-120 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120JC CYPRESS-CY27C256-120JC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120PC CYPRESS-CY27C256-120PC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120WC CYPRESS-CY27C256-120WC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results

Similar Description - CY27C128-120WC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com