Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9817-1 Datasheet(PDF) 1 Page - California Eastern Labs

Part No. PS9817-1
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS9817-1 Datasheet(HTML) 1 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PS9817-1,-2
NEC's HIGH CMR, 10Mbps
OPEN COLLECTOR OUTPUT TYPE
8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
California Eastern Laboratories
PULSE WIDTH DISTORTION:
|tPHL - tPLH| = 35 ns MAX.
• HIGH COMMON MODE TRANSIENT IMMUNITY:
CMH, CML = ±15 kV/μs MIN.
40% REDUCTION OF MOUNTING AREA:
5-Pin SOP x 2
HIGH SPEED:
10 Mbps
HIGH ISOLATION VOLTAGE:
BV = 2 500 Vr.m.s.
OPEN COLLECTOR OUTPUT
ORDERING NUMBER OF TAPING PRODUCT:
PS9817-1-F3, F4: 1 500 pcs/reel
PS9817-2-F3, F4: 1 500 pcs/reel
Pb-Free Product
SAFETY STANDARDS:
UL approved: File No. E72422
DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008347 (option)
FEATURES
DATA SHEET
NEC's PS9817-1 and PS9817-2 are active-low type
high-speed photocouplers that use a GaAlAs
light-emitting diode on the input side and a
photodetector IC that includes a photodiode and a
signal processor on the same chip on the output side.
NEC's PS9817-1 and PS9817-2 are designed
specifically for high common mode transient immunity
(CMR) and low pulse width distortion, The PS9817-2
is suitable for high density applications.
DESCRIPTION
Measurement Equipment
PDP
FA Network
APPLICATION
TRUTH TABLE
LED
OUTPUT
ON
L
OFF
H
1 2 3 4
8 7 6 5
PS9817-1
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
1 2 3 4
8 7 6 5
PS9817-2
1. Anode1
2. Cathode1
3. Cathode2
4. Anode2
5. GND
6. VO2
7. VO1
8. VCC
PIN CONNECTION
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn