Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9817-1 Datasheet(PDF) 4 Page - California Eastern Labs

Part No. PS9817-1
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS9817-1 Datasheet(HTML) 4 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PS9817-1,-2
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25ºC, unless otherwise Specified)
*1 Reduced to 0.3 mA/°C at TA = 60°C or more.
*2 Reduced to 0.1 mA/°C at TA = 60°C or more.
*3 Applies to output pin VO (collector pin). Reduced to 1.5 mW/°C at TA = 65°C or more.
*4 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
PARAMETER
SYMBOL
RATINGS
UNIT
PS9817-1
PS9817-2
Diode
Forward Current
IF
20 *1
15 *2
mA
Reverse Voltage
VR
5
V/ch
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V/ch
Output Current
IO
25
mA/ch
Power Dissipation *3
PC
40
mW/ch
Isolation Voltage *4
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
40 to +85
°
C
Storage Temperature
Tstg
55 to +125
°
C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
4.5
5.5
V
Pull-up Resistance
RL
330
4 k
Ω
TLL (RL = 1.0 kΩ, loads)
N
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn