Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C128-70WMB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY27C128-70WMB
Description  128K (16K x 8-Bit) CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C128-70WMB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY27C128-70WMB Datasheet HTML 1Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 2Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 3Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 4Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 5Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 6Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 7Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 8Page - Cypress Semiconductor CY27C128-70WMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY27C128
2
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines,
not tested.)
Storage Temperature
-65
_C to +150_C
. . . . . . . . . . . . . . . . . .
Ambient Temperature with
Power Applied
-55
_C to +125_C
. . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage to Ground Potential
-0.5V to +7.0V
. . . . . . . .
DC Voltage Applied to Outputs
in High Z State
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Voltage
-3.0V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . .
DC Program Voltage
13.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Static Discharge Voltage
>2001V
. . . . . . . . . . . . . . . . . . . . . . . .
(per MIL STD 883, Method 3015)
LatchUp Current
>200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
UV Exposure
7258 Wsec/cm2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
_C to +70_C
5V ±10%
Industrial[3]
-40
_C to +85_C
5V ±10%
Military[4]
-55
_C to +125_C
5V ±10%
Electrical Characteristics Over the Operating Range[5]
27C128-45, 55, 70, 90,
120, 150, 200
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = -4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16.0 mA[6]
0.4
V
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for
All Inputs
2.0
VCC
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for
All Inputs
-0.3
0.8
V
IIX
Input Current
GND < VIN < VCC
-10
+10
mA
IOZ
Output Leakage Current
GND < VOUT < VCC,
Output Disabled
Commercial
-10
+10
mA
Output Disabled
Military
-40
+40
IOS
Output Short Circuit Current[7]
VCC = Max., VOUT = GND
-20
-90
mA
ICC
Power Supply Current [2]
VCC = Max., VIN =VIH,
IOUT = 0 mA, CE=VIL,
Commercial
45
mA
IOUT = 0 mA, CE=VIL,
OE = VIH
Military
55
ISB
Standby Supply Current
VCC = Max., CE = VIH
Commercial
15
mA
Military
20
VPP
Programming Supply Voltage
12
13
V
IPP
Programming Supply Current
50
mA
VIHP
Input HIGH Programming
Voltage
3.0
V
VILP
Input LOW Programming
Voltage
0.4
V
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25_C, f = 1 MHz,
VCC =5 0V
10
pF
COUT
Output Capacitance
A
VCC = 5.0V
10
pF
Notes:
3. Contact a Cypress representative for information on industrial tem
perature range specifications.
4. TA is the instant on" case temperature.
5. See the last page of this specification for Group A subgroup testing in
formation.
6IOL=12.0 mA for military devices.
7. For test purposes, not more than one output at a time should be
shorted. Short circuit test duration should not exceed 30 seconds.
8. See Introduction to CMOS PROMs in this Data Book for general in
formation on testing.


Similar Part No. - CY27C128-70WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120 CYPRESS-CY27C256-120 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120JC CYPRESS-CY27C256-120JC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120PC CYPRESS-CY27C256-120PC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120WC CYPRESS-CY27C256-120WC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results

Similar Description - CY27C128-70WMB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com