Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC10H681 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC10H681
Description  Hex ECL/TTL Transceiver with Latches
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10H681 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC10H681 MC100H681
MOTOROLA
MECL Data
DL122 — Rev 6
2–320
50
Ω COAX
VEE
VCC & VCCO
IN
OUT
OSCILLOSCOPE
CH A
CH B
USE 0.1
µF CAPACITORS
FOR DECOUPLING.
USE OSCILLOSCOPE
INTERNAL 50
Ω LOAD
FOR TERMINATION.
50%/1.5 V
VIN
TPD++
TPD – –
50%/1.5 V
VOUT
VOUT
TRISE
TFALL
80%/2.0 V
20%/1.0 V
DEVICE
UNDER
TEST
PULSE
GENERATOR
TEST CIRCUITS AND WAVEFORMS
ECL
DEVICE
UNDER
TEST
50 pF
R2
500
R1
500
ALL
OTHERS
+7 V
OPEN
tPZL, tPLZ
O,C
TTL
Figure 4. Propagation Delay — Single Ended
ECL/TTL
Figure 3. Rise and Fall Times
ECL/TTL
Figure 5. 3-State Output Low Enable
and Disable Times
TTL
Figure 6. 3-State Output High Enable
and Disable Times
TTL
VE
VE
1.5 V
1.5 V
1.5 V
TPLZ
TPZL
VOUT
VOL
0.3 V
VE
VE
1.5 V
1.5 V
1.5 V
TPHZ
TPZL
VOUT
VOH≈
3.5 V
0.3 V
>
Figure 1. Test Circuit ECL
Figure 2. Test Circuit TTL


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LXT9763Fast Ethernet 10/100 Hex Transceiver with Full MII 1 2 3 4 5 MoreIntel Corporation
54AC174Hex D Flip-Flop with Master Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
MC74HC174AHex D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreON Semiconductor
SN54LV174AHEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
TC74LVX174FHEX D-TYPE FLIP FLOP WITH CLEAR 1 2 3 4 5 MoreToshiba Semiconductor
SL74LS07Hex Non-Inverted Buffers with Open-Collector Outputs 1 2 3 System Logic Semiconductor
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
DM7414Hex Inverter with Schmitt Trigger Input 1 2 3 Fairchild Semiconductor
HD74HC365Hex Bus Drivers with 3-state outputs 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn